Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS132 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 74LS132
Description  QUAD 2-INPUT SCHMITT TRIGGER NAND GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS132 Datasheet(HTML) 2 Page - Motorola, Inc

  74LS132 Datasheet HTML 1Page - Motorola, Inc 74LS132 Datasheet HTML 2Page - Motorola, Inc 74LS132 Datasheet HTML 3Page - Motorola, Inc 74LS132 Datasheet HTML 4Page - Motorola, Inc 74LS132 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5-213
FAST AND LS TTL DATA
SN54/74LS132
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
– 0.4
mA
IOL
Output Current — Low
54
74
4.0
8.0
mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VT+
Positive-Going Threshold Voltage
1.5
2.0
V
VCC = 5.0 V
VT–
Negative-Going Threshold Voltage
0.6
1.1
V
VCC = 5.0 V
VT + – VT–
Hysteresis
0.4
0.8
V
VCC = 5.0 V
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
54
2.5
3.4
V
VCC = MIN, IOH = – 400 µA, VIN = VIL
VOH
Output HIGH Voltage
74
2.7
3.4
V
VCC = MIN, IOH = – 400 µA, VIN = VIL
VOL
Output LOW Voltage
54, 74
0.25
0.4
V
VCC = MIN, IOL = 4.0 mA, VIN = 2.0 V
VOL
Output LOW Voltage
74
0.35
0.5
V
VCC = MIN, IOL = 8.0 mA, VIN = 2.0 V
IT+
Input Current at Positive-Going
Threshold
– 0.14
mA
VCC = 5.0 V, VIN = VT+
IT–
Input Current at Negative-Going
Threshold
– 0.18
mA
VCC = 5.0 V, VIN = VT–
IIH
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
– 0.4
mA
VCC = MAX, VIN = 0.4 V
IOS
Output Short Circuit Current (Note 1)
– 20
–100
mA
VCC = MAX, VOUT = 0 V
ICC
Power Supply Current
Total, Output HIGH
5.9
11
mA
VCC = MAX, VIN = 0 V
ICC
Total, Output LOW
8.2
14
mA
VCC = MAX, VIN = 4.5 V
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25°C)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
Turn-Off Delay, Input to Output
22
ns
VCC = 5.0 V
CL = 15 pF
tPHL
Turn-On Delay, Input to Output
22
ns
VCC = 5.0 V
CL = 15 pF
Figure 2. AC Waveforms
3 V
0 V
VIN
VOUT
1.6 V
0.8 V
tPHL
1.3 V
1.3 V
tPLH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com