Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2140BA02540S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF2140BA02540S
Description  2140 MHz SAW Filter 60 MHz bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF2140BA02540S Datasheet(HTML) 2 Page - API Technologies Corp

  SF2140BA02540S Datasheet HTML 1Page - API Technologies Corp SF2140BA02540S Datasheet HTML 2Page - API Technologies Corp SF2140BA02540S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2140 MHz SAW Filter
60 MHz bandwidth
Part Number SF2140BA02540S
Spectrum Microwave
400 Nickerson Road, Marlborough MA, USA
•••• Phone 1-508-251-6400 •••• Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF2140BA02540S Rev D 3-Jan-2011
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fc) 1
-
2140
-
MHz
Insertion Loss (2110 to 2170 MHz)
-
2.4
3.5
dB
Amplitude Ripple (2110 to 2170 MHz)
-
1.0
1.8
dB p-p
Attenuation (1920 to 1980 MHz) 2
25
33
-
dB
Attenuation (2205 to 2265 MHz) 2
10
35
-
dB
Attenuation (2300 to 2360 MHz) 2
30
39
-
dB
Attenuation (2490 to 2550 MHz) 2
30
37
-
dB
Attenuation (2870 to 2930 MHz) 2
30
41
-
dB
Attenuation (4220 to 4340 MHz) 2
20
34
-
dB
Input VSWR (2110 to 2170 MHz)
-
1.5
2.3
:1
Output VSWR (2110 to 2170 MHz)
-
1.5
2.3
:1
Ambient Temperature
-
25
-
°C
System Source and Load Impedance
-
50
-
Ω
Notes:
1. Average of lower & upper 3 dB frequencies.
2. Reference level from 0 dB.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
-20
75
˚C
Input Power Level
-
5
dBm
DC Voltage
-
0
V
MATCHING CIRCUIT
Notes:
•
50 ohms, single ended.
•
Matching components are not required
Input
50
Ω
Single-ended
Output
50
Ω
Single ended
B
D
A
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com