Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC00AD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC00AD
Description  Quad 2-input NAND gate Rev. 7 ??25 April 2012
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC00AD Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC00AD Datasheet HTML 1Page - NXP Semiconductors 74LVC00AD Datasheet HTML 2Page - NXP Semiconductors 74LVC00AD Datasheet HTML 3Page - NXP Semiconductors 74LVC00AD Datasheet HTML 4Page - NXP Semiconductors 74LVC00AD Datasheet HTML 5Page - NXP Semiconductors 74LVC00AD Datasheet HTML 6Page - NXP Semiconductors 74LVC00AD Datasheet HTML 7Page - NXP Semiconductors 74LVC00AD Datasheet HTML 8Page - NXP Semiconductors 74LVC00AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
General description
The 74LVC00A provides four 2-input NAND gates.
Schmitt trigger action at all inputs makes the circuit tolerant of slower input rise and fall
times.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these
devices as translators in mixed 3.3 V and 5 V applications.
2.
Features and benefits
5 V tolerant inputs for interfacing with 5 V logic
Wide supply voltage range from 1.2 V to 3.6 V
CMOS low-power consumption
Direct interface with TTL levels
Complies with JEDEC standard:
JESD8-7A (1.65 V to 1.95 V)
JESD8-5A (2.3 V to 2.7 V)
JESD8-C/JESD36 (2.7 V to 3.6 V)
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-B exceeds 200 V
CDM JESD22-C101E exceeds 1000 V
Specified from
−40 °C to +85 °C and −40 °C to +125 °C
3.
Ordering information
74LVC00A
Quad 2-input NAND gate
Rev. 7 — 25 April 2012
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC00AD
−40 °Cto +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74LVC00ADB
−40 °Cto +125 °C
SSOP14
plastic shrink small outline package; 14 leads;
body width 5.3 mm
SOT337-1
74LVC00APW
−40 °Cto +125 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74LVC00ABQ
−40 °Cto +125 °C
DHVQFN14 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
× 3 × 0.85 mm
SOT762-1


Similar Part No. - 74LVC00AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC00AD PHILIPS-74LVC00AD Datasheet
86Kb / 8P
Quad 2-input NAND gate
1998 Apr 28
logo
Nexperia B.V. All right...
74LVC00AD NEXPERIA-74LVC00AD Datasheet
235Kb / 12P
Quad 2-input NAND gate
Rev. 9 - 17 September 2021
74LVC00AD-Q100 NEXPERIA-74LVC00AD-Q100 Datasheet
745Kb / 14P
Quad 2-input NAND gate
logo
NXP Semiconductors
74LVC00ADB PHILIPS-74LVC00ADB Datasheet
86Kb / 8P
Quad 2-input NAND gate
1998 Apr 28
logo
ON Semiconductor
74LVC00ADR2G ONSEMI-74LVC00ADR2G Datasheet
95Kb / 8P
Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
More results

Similar Description - 74LVC00AD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
Quad 2-Input NAND Gate
logo
NXP Semiconductors
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
Quad 2-input NAND gate
1995 Sep 18
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
Quad 2-input NAND gate
1999 Sep 23
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
Quad 2-input NAND gate
1990 Oct 04
logo
STMicroelectronics
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
QUAD 2-INPUT NAND GATE
Apr-1997
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
QUAD 2-INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
QUAD 2 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS00A FAIRCHILD-DM74ALS00A Datasheet
60Kb / 5P
Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC32DB112 PHILIPS-74HC32DB112 Datasheet
138Kb / 17P
Quad 2-input OR gate Rev.
Rev. 5-4 September 2012
HEF4093BT-Q100118 NXP-HEF4093BT-Q100118 Datasheet
159Kb / 14P
Quad 2-input NAND Schmitt trigger Rev. 1 ??12 July 2012
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com