Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS12 Datasheet(PDF) 5 Page - Motorola, Inc

Part # 74LS12
Description  RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS12 Datasheet(HTML) 5 Page - Motorola, Inc

  74LS12 Datasheet HTML 1Page - Motorola, Inc 74LS12 Datasheet HTML 2Page - Motorola, Inc 74LS12 Datasheet HTML 3Page - Motorola, Inc 74LS12 Datasheet HTML 4Page - Motorola, Inc 74LS12 Datasheet HTML 5Page - Motorola, Inc 74LS12 Datasheet HTML 6Page - Motorola, Inc 74LS12 Datasheet HTML 7Page - Motorola, Inc 74LS12 Datasheet HTML 8Page - Motorola, Inc 74LS12 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5-201
FAST AND LS TTL DATA
SN54/74LS122
• SN54/74LS123
Figure 1
Figure 2
Figure 3
Figure 4
VCC
VRC
VCC
Cext
0.1 µF
Pout
Cext Rext/
Cext
VCC
Q
CLR
B
VCC
VCC
VRC
Rext
Cext
0.1 µF
Pout
51 Ω
Cext
Rext/
Cext
VCC
Q
CLR
B2
B1
A2
A1
GND
Q
1/2 LS123
LS122
Rext
Q
GND
A
51 Ω
Pin
Pin
Pin
Pout
tW
RETRIGGER
5K ≤ Rext ≤ 260K
10
1
0.1
0.01
0.001
0.3
0.35 0.4
0.45 0.5
0.55
K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com