Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECOS1JP682DA Datasheet(PDF) 21 Page - Panasonic Semiconductor

Part # ECOS1JP682DA
Description  Large Can Aluminum Electrolytic Capacitors
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS1JP682DA Datasheet(HTML) 21 Page - Panasonic Semiconductor

Back Button ECOS1JP682DA Datasheet HTML 17Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 18Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 19Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 20Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 21Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 22Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 23Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 24Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 25Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Aluminum Electrolytic Capacitors
TS-XB Standard Ratings (continued)
Cap.
Panasonic
Cap.
Panasonic
(µF)
120Hz
10k~50kHz
120Hz
20kHz
Part Number
(µF)
120Hz
10k~50kHz
120Hz
20kHz
Part Number
56
22 x 25
0.51
0.71
2.631
0.92
EETXB2G560B




39
22 x 25
0.37
0.52
3.779
1.32
EETXB2W390B




68
22 x 30
0.56
0.78
2.167
0.76
EETXB2G680B




47
22 x 30
0.40
0.56
3.135
1.10
EETXB2W470B




82
22 x 35
0.64
0.90
1.797
0.63
EETXB2G820B




56
22 x 35
0.47
0.66
2.631
0.92
EETXB2W560B




100
22 x 35
0.69
0.97
1.474
0.52
EETXB2G101B




68
22 x 40
0.53
0.74
2.167
0.76
EETXB2W680B




120
22 x 40
0.75
1.05
1.228
0.43
EETXB2G121B




82
22 x 45
0.56
0.78
1.797
0.63
EETXB2W820B




150
22 x 50
0.82
1.15
0.982
0.34
EETXB2G151B




100
22 x 50
0.64
0.90
1.474
0.52
EETXB2W101B




68
25 x 25
0.56
0.78
2.167
0.76
EETXB2G680C




56
25 x 25
0.47
0.66
2.631
0.92
EETXB2W560C




82
25 x 25
0.64
0.90
1.797
0.63
EETXB2G820C




68
25 x 30
0.53
0.74
2.167
0.76
EETXB2W680C




100
25 x 30
0.69
0.97
1.474
0.52
EETXB2G101C




82
25 x 35
0.56
0.78
1.797
0.63
EETXB2W820C




120
25 x 35
0.75
1.05
1.228
0.43
EETXB2G121C




100
25 x 40
0.64
0.90
1.474
0.52
EETXB2W101C




150
25 x 40
0.82
1.15
0.982
0.34
EETXB2G151C




120
25 x 45
0.72
1.01
1.228
0.43
EETXB2W121C




180
25 x 45
0.90
1.26
0.819
0.29
EETXB2G181C




150
25 x 50
0.79
1.11
0.982
0.34
EETXB2W151C




220
25 x 50
1.00
1.40
0.670
0.23
EETXB2G221C




82
30 x 25
0.56
0.78
1.797
0.63
EETXB2W820D




120
30 x 25
0.75
1.05
1.228
0.43
EETXB2G121D




100
30 x 30
0.64
0.90
1.474
0.52
EETXB2W101D




150
30 x 30
0.82
1.15
0.982
0.34
EETXB2G151D




120
30 x 30
0.72
1.01
1.228
0.43
EETXB2W121D




180
30 x 35
0.90
1.26
0.819
0.29
EETXB2G181D




150
30 x 40
0.79
1.11
0.982
0.34
EETXB2W151D




220
30 x 40
1.00
1.40
0.670
0.23
EETXB2G221D




180
30 x 45
0.87
1.22
0.819
0.29
EETXB2W181D




270
30 x 45
1.10
1.54
0.546
0.19
EETXB2G271D




220
30 x 50
1.00
1.40
0.670
0.23
EETXB2W221D




330
30 x 50
1.20
1.68
0.447
0.18
EETXB2G331D




150
35 x 30
0.79
1.11
0.982
0.34
EETXB2W151E




180
35 x 25
0.90
1.26
0.819
0.29
EETXB2G181E




180
35 x 35
0.87
1.22
0.819
0.29
EETXB2W181E




220
35 x 30
1.00
1.40
0.670
0.23
EETXB2G221E




220
35 x 40
1.00
1.40
0.670
0.23
EETXB2W221E




270
35 x 35
1.10
1.54
0.546
0.19
EETXB2G271E




270
35 x 45
1.19
1.67
0.546
0.19
EETXB2W271E




330
35 x 40
1.20
1.68
0.447
0.18
EETXB2G331E




330
35 x 50
1.38
1.93
0.447
0.16
EETXB2W331E




390
35 x 45
1.30
1.82
0.378
0.15
EETXB2G391E




470
35 x 50
1.40
1.96
0.314
0.13
EETXB2G471E




D x L
D x L
Size (mm) Max 105°C R.C. (Arms)
20°C ESR (
Ω
Ω
Ω
Ω, max.)
Size (mm) Max 105°C R.C. (Arms)
20°C ESR (
Ω
Ω
Ω
Ω, max.)
21
400 VDC Working, 450 VDC Surge
450 VDC Working, 500 VDC Surge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com