Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS145 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 74LS145
Description  1-OF-10 DECODER/DRIVER OPEN-COLLECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS145 Datasheet(HTML) 1 Page - Motorola, Inc

  74LS145 Datasheet HTML 1Page - Motorola, Inc 74LS145 Datasheet HTML 2Page - Motorola, Inc 74LS145 Datasheet HTML 3Page - Motorola, Inc 74LS145 Datasheet HTML 4Page - Motorola, Inc 74LS145 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5-240
FAST AND LS TTL DATA
1-OF-10 DECODER/DRIVER
OPEN-COLLECTOR
The SN54 / 74LS145, 1-of-10 Decoder/Driver, is designed to accept BCD
inputs and provide appropriate outputs to drive 10-digit incandescent
displays. All outputs remain off for all invalid binary input conditions. It is
designed for use as indicator/relay drivers or as an open-collector logic circuit
driver. Each of the high breakdown output transistors will sink up to 80 mA of
current. Typical power dissipation is 35 mW. This device is fully compatible
with all TTL families.
• Low Power Version of 54/74145
• Input Clamp Diodes Limit High Speed Termination Effects
CONNECTION DIAGRAM DIP (TOP VIEW)
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
Q0
P0
P1
P2
P3
Q8
Q9
Q7
Q1
Q2
Q3
Q4
Q5
Q6 GND
PIN NAMES
LOADING (Note a)
HIGH
LOW
P0, P1, P2, P3
Q0 to Q9
BCD Inputs
Outputs (Note b)
0.5 U.L.
Open Collector
0.25 U.L.
15 (7.5) U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 15 U.L. for Commercial (74)
Temperature Ranges.
LOGIC DIAGRAM
INPUTS
INPUT
INVERTERS
DECODE/DRIVER
GATES
OUTPUTS
P0
P1
P2
P3
0
1
2
3
0
1
2
3
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q8 Q9
SN54/74LS145
1-OF-10 DECODER/ DRIVER
OPEN-COLLECTOR
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
15 14 13 12
P0 P1 P2 P3
Q0 Q1 Q2 Q3 Q4
Q6 Q7 Q8 Q9
Q5
1 2 3 4 5 6 7 9 10 11


Similar Part No. - 74LS145

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LS145 ONSEMI-74LS145 Datasheet
104Kb / 8P
1-of-10 Decoder / Drvier Open-Collector
December, 1999 ??Rev. 6
logo
Texas Instruments
74LS145 TI-74LS145 Datasheet
204Kb / 5P
BCD-TO-DECIMAL DECODERS/DRIVERS
logo
Hitachi Semiconductor
74LS145 HITACHI-74LS145 Datasheet
67Kb / 6P
BCD-to-Decimal Decoders / Drivers(with 15V outputs)
More results

Similar Description - 74LS145

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS145 ONSEMI-SN74LS145 Datasheet
104Kb / 8P
1-of-10 Decoder / Drvier Open-Collector
December, 1999 ??Rev. 6
logo
NXP Semiconductors
HEF4028B PHILIPS-HEF4028B Datasheet
47Kb / 5P
1-of-10 decoder
January 1995
logo
Texas Instruments
SN74ALS156 TI-SN74ALS156 Datasheet
109Kb / 7P
DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74LS47 FAIRCHILD-DM74LS47 Datasheet
67Kb / 6P
BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
DM9370 FAIRCHILD-DM9370 Datasheet
58Kb / 5P
7-Segment Decoder/Driver/Latch with Open-Collector Outputs
logo
List of Unclassifed Man...
74141 ETC1-74141 Datasheet
88Kb / 2P
1-OF-10 DECODER/DRIVER (NIXIE)
logo
National Semiconductor ...
54LS247 NSC-54LS247 Datasheet
66Kb / 3P
BCD TO 7-SEGMENT DECODER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
93L01 NSC-93L01 Datasheet
79Kb / 3P
1 - OF - 10 DECODER
logo
Fairchild Semiconductor
DM74LS47 FAIRCHILD-DM74LS47_07 Datasheet
203Kb / 8P
BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
Texas Instruments
SN74ALS156 TI1-SN74ALS156_14 Datasheet
463Kb / 14P
DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com