Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TWN6201 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TWN6201
Description  SPDT RF SWITCH MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TWN6201 Datasheet(HTML) 1 Page - API Technologies Corp

  TWN6201 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+25 ºC
+85 ºC
-55 ºC
Typical Performance Data
SPDT RF SWITCH
MODEL
TWN6201
Features
 DC - 3.0 GHz
 Fast Switching Speed: 15 ns Typical
 RF1, RF2 Reflective in “OFF” State
 Absorptive
 Environmental Screening Available
TYPICAL
MIN/MAX
Ta = 25 ºC
Ta = -55 ºC to +85 ºC
Specifications
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ......................... -55ºC to +100 ºC
Storage Temperature .......................................... -65ºC to +125 ºC
Case Temperature ........................................................... +125 ºC
DC Voltage ................................................................... -8.5 Volts
Continuous RF Input Power ........................................... +30 dBm
CHARACTERISTIC
Note: Care should always be taken to effectively ground the case of each unit.
Control
Vdc
-5.0 to -8.0
-8.0 Max.
Input High
mA
0.30
1.00 Max.
VSWR
“ON”
<1.5
2.0:1 Max.
Switching Speed (ns)
Frequency
DC - 3.0 GHz
DC - 3.0 GHz
Control
Vdc
Input Low
Isolation (dB)
>40
30 Min.
Insertion Loss (dB)
1.0
2.0 Max.
Revision 2/7/2013
0 to -0.2
0 Max.
mA
0.010
0.030 Max.
Available as: TWK6201: 8 Pin TO-5 (T2)
TWN6201: .375” Sq. Surface Mount (SG1)
-
“OFF”
<1.75
2.0:1 Max.
15
2.0
1.0
0
20
80
40
2.0
1.5
1.0
2.0
1.5
1.0
Start DC
Start DC
Stop 3.0 GHz
Start DC
Stop 3.0 GHz
Start DC
100
60
Insertion Loss (dB)
Isolation (dB)
“ON” VSWR
“OFF” VSWR
Stop 3.0 GHz
Stop 3.0 GHz
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Pin Orientation Designator
TWN6201
Pin Layout
GND
RF2
RF1
Control A (0/-5)
Control B (-5/0)
Color Bead
SG1
RF COM
Pin Layout (8 Pin TO-5 Package)
RF COM
RF2
TWK6201
RF1
GND
GND
A
B
GND


Similar Description - TWN6201

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TWD2207 APITECH-TWD2207 Datasheet
199Kb / 1P
SPDT RF SWITCH MODEL
TWD2206 APITECH-TWD2206 Datasheet
206Kb / 1P
SPDT RF SWITCH MODEL
TWP2233 APITECH-TWP2233 Datasheet
166Kb / 1P
SPDT RF SWITCH MODEL
TWP2219 APITECH-TWP2219 Datasheet
197Kb / 1P
SPDT RF SWITCH MODEL
TWP2204 APITECH-TWP2204 Datasheet
206Kb / 1P
SPDT RF SWITCH MODEL
TWP2202 APITECH-TWP2202 Datasheet
207Kb / 1P
SPDT RF SWITCH MODEL
TWK2201 APITECH-TWK2201 Datasheet
197Kb / 1P
SPDT RF SWITCH MODEL
TWH7230 APITECH-TWH7230 Datasheet
190Kb / 1P
SPDT RF SWITCH MODEL
TWD5015 APITECH-TWD5015 Datasheet
194Kb / 1P
SPDT RF SWITCH MODEL
TWD5001 APITECH-TWD5001 Datasheet
203Kb / 1P
SPDT RF SWITCH MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com