Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TWD5002 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TWD5002
Description  SPDT RF SWITCH MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TWD5002 Datasheet(HTML) 1 Page - API Technologies Corp

  TWD5002 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+85 ºC
-55 ºC
Typical Performance Data
SPDT RF SWITCH
Package Style: 14 Lead DIP Package (DP11)
MODEL
TWD5002
Features
n
n
n
n
n 30 - 1000 MHz
n
n
n
n
n RF1, RF2 Terminated in “OFF” State
n
n
n
n
n Integral TTL Driver
n
n
n
n
n Environmental ScreeningAvailable
TYPICAL
MIN/MAX
Ta = 25 ºC
Ta = -55 ºC to +85 ºC
Specifications
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ......................... -55ºC to +100 ºC
Storage Temperature .......................................... -65ºC to +125 ºC
Case Temperature ........................................................... +125 ºC
DC Voltage .......................................................... +6.0, -6.0 Volts
Continuous RF Input Power ........................................... +30 dBm
CHARACTERISTIC
Note: Care should always be taken to effectively ground the case of each unit.
DC
+Vdc/mA
+5/12
+5/18 Max.
Bias
-Vdc/ mA
-5/8
-5/12 Max.
VSWR
1.2:1
1.5:1 Max.
Switching Speed (
µsec)
Frequency
30 - 1000 MHz
30 - 1000 MHz
1dB Compression (dBm)
+23
Isolation (dB)
75
55 Min.
Insertion Loss (dB)
0.8
1.8 Max.
Intercept Points (dBm)
IP2
IP3
+65
+40
Revision 4-24-2013
0.75
2.0 Max.
Also Available: BXW5002 (SMA Connectorized)
Transients (mV)
750
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TWD5002

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
SPDT RF SWITCH
More results

Similar Description - TWD5002

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TWD2207 APITECH-TWD2207 Datasheet
199Kb / 1P
SPDT RF SWITCH MODEL
TWD2206 APITECH-TWD2206 Datasheet
206Kb / 1P
SPDT RF SWITCH MODEL
TWP2233 APITECH-TWP2233 Datasheet
166Kb / 1P
SPDT RF SWITCH MODEL
TWP2219 APITECH-TWP2219 Datasheet
197Kb / 1P
SPDT RF SWITCH MODEL
TWP2202 APITECH-TWP2202 Datasheet
207Kb / 1P
SPDT RF SWITCH MODEL
TWN6201 APITECH-TWN6201 Datasheet
48Kb / 1P
SPDT RF SWITCH MODEL
TWK2201 APITECH-TWK2201 Datasheet
197Kb / 1P
SPDT RF SWITCH MODEL
TWH7230 APITECH-TWH7230 Datasheet
190Kb / 1P
SPDT RF SWITCH MODEL
TWD5015 APITECH-TWD5015 Datasheet
194Kb / 1P
SPDT RF SWITCH MODEL
TWD5001 APITECH-TWD5001 Datasheet
203Kb / 1P
SPDT RF SWITCH MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com