Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS151 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 74LS151
Description  8-INPUT MULTIPLEXER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS151 Datasheet(HTML) 1 Page - Motorola, Inc

  74LS151 Datasheet HTML 1Page - Motorola, Inc 74LS151 Datasheet HTML 2Page - Motorola, Inc 74LS151 Datasheet HTML 3Page - Motorola, Inc 74LS151 Datasheet HTML 4Page - Motorola, Inc 74LS151 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5-252
FAST AND LS TTL DATA
8-INPUT MULTIPLEXER
The TTL / MSI SN54 / 74LS151 is a high speed 8-input Digital Multiplexer.
It provides, in one package, the ability to select one bit of data from up to eight
sources. The LS151 can be used as a universal function generator to
generate any logic function of four variables. Both assertion and negation
outputs are provided.
• Schottky Process for High Speed
• Multifunction Capability
• On-Chip Select Logic Decoding
• Fully Buffered Complementary Outputs
• Input Clamp Diodes Limit High Speed Termination Effects
CONNECTION DIAGRAM DIP (TOP VIEW)
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
I3
I4
I5
I6
I7
S1
S0
S2
I2
I1
I0
Z
Z
E
GND
PIN NAMES
LOADING (Note a)
HIGH
LOW
S0 – S2
E
I0 – I7
Z
Z
Select Inputs
Enable (Active LOW) Input
Multiplexer Inputs
Multiplexer Output (Note b)
Complementary Multiplexer Output
(Note b)
0.5 U.L.
0.5 U.L.
0.5 U.L.
10 U.L.
10 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
5 (2.5) U.L.
5 (2.5) U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74)
Temperature Ranges.
SN54/74LS151
8-INPUT MULTIPLEXER
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
11
10
9
6
5
7 4 3 2 1 15 14 13 12
E I0 I1 I2 I3 I4 I5 I6 I7
S0
S1
S2
Z
Z


Similar Part No. - 74LS151

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LS151 ONSEMI-74LS151 Datasheet
111Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
74LS151 TI-74LS151 Datasheet
822Kb / 22P
DATA SELECTORS/MULTIPLEXERS
logo
Fairchild Semiconductor
74LS151 FAIRCHILD-74LS151 Datasheet
70Kb / 7P
1-of-8 Line Data Selector/Multiplexer
logo
Hitachi Semiconductor
74LS151 HITACHI-74LS151 Datasheet
61Kb / 6P
1-of-8 Data Selectors/Multiplexers(with strobe)
logo
SYC Electronica
74LS151 SYC-74LS151 Datasheet
238Kb / 6P
8-Input Multiplexer
More results

Similar Description - 74LS151

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC151 NSC-54AC151 Datasheet
156Kb / 10P
8-Input Multiplexer
54F151ADM NSC-54F151ADM Datasheet
158Kb / 8P
8-Input Multiplexer
logo
NXP Semiconductors
74ALS151 PHILIPS-74ALS151 Datasheet
98Kb / 8P
8-input multiplexer
1991 Feb 08
logo
Texas Instruments
CD74AC151 TI-CD74AC151 Datasheet
35Kb / 7P
8-Input Multiplexer
logo
Fairchild Semiconductor
74AC151 FAIRCHILD-74AC151 Datasheet
97Kb / 9P
8-Input Multiplexer
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
8-INPUT MULTIPLEXER
October 17 1990
logo
Fairchild Semiconductor
74F151A FAIRCHILD-74F151A Datasheet
81Kb / 7P
8-Input Multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151_03 Datasheet
170Kb / 9P
8-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT151 PHILIPS-74HC_HCT151_15 Datasheet
195Kb / 19P
8-input multiplexer
Rev. 5-26 January 2015
logo
Nexperia B.V. All right...
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
8-input multiplexer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com