Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC2813 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC2813
Description  DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC2813 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  DAC2813 Datasheet HTML 1Page - Burr-Brown (TI) DAC2813 Datasheet HTML 2Page - Burr-Brown (TI) DAC2813 Datasheet HTML 3Page - Burr-Brown (TI) DAC2813 Datasheet HTML 4Page - Burr-Brown (TI) DAC2813 Datasheet HTML 5Page - Burr-Brown (TI) DAC2813 Datasheet HTML 6Page - Burr-Brown (TI) DAC2813 Datasheet HTML 7Page - Burr-Brown (TI) DAC2813 Datasheet HTML 8Page - Burr-Brown (TI) DAC2813 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
®
DAC2813
2
SPECIFICATIONS
ELECTRICAL
At TA = +25oC, +VCC = +12V or +15V, –VCC = –12V or –15V, unless otherwise noted.
DAC2813AP
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUTS
DIGITAL INPUTS
Over Temperature
Input Code (1)
Range
Bipolar Offset Binary
Logic Levels (2)
VIH
+2
+5.5(3)
V
VIL
0
+0.8
V
Logic Input Currents
DB0-DB11, WR, LDAC, RESET,ENX
IIH
VI = +2.7V
±20
µA
IIL
VI = +0.4V
±20
µA
TRANSFER CHARACTERISTICS
ACCURACY
Linearity Error
±1/4
±1/2
LSB
Differential Linearity Error
±1/2
±1
LSB
Gain Error (5,6)
±0.05
±0.2
%
Bipolar Zero Error (5,7)
±0.05
±0.2
%FSR(4)
Power Supply Sensitivity
Of Full Scale +VCC
±5
±20
ppmFSR/%+VCC
–VCC
±1
±10
ppmFSR/%–VCC
DRIFT
Over Specification
Temperature Range
Gain
±5
±30
ppm/
°C
Bipolar Zero Drift
±5
±15
ppmFSR/
°C
Linearity Error over Temperature
±1/2
±3/4
LSB
Monotonicity
Guaranteed
DYNAMIC CHARACTERISTICS
SETTLING TIME (8)
To within
±0.012%FSR
of Final Value
5k
Ω || 500pF Load
Full Scale Range Change
20V Range
4.5
6
µs
1LSB Output Step (9) At Major Carry
2
µs
Slew Rate
10
V/
µs
Crosstalk (10)
5k
Ω Loads
0.1
LSB
OUTPUT
Output Voltage Range
±V
CC ≥ ±11.4V
±10
V
Output Current
±5mA
Output Impedance
0.2
Ω
Short Circuit to ACOM Duration
Indefinite
REFERENCE VOLTAGE
Voltage
+9.95
+10.00
+10.05
V
Source Current Available
for External Loads
2
mA
Impedance
0.2
Ω
Temperature Coefficient
±5
±25
ppm/
°C
Short Circuit to Common Duration
Indefinite
POWER SUPPLY REQUIREMENTS
Voltage:+VCC
+11.4
+15
+16.5
V
–VCC
–11.4
–15
–16.5
V
Current:
No Load
±V
CC = ±15V
+VCC
24
30
mA
–VCC
12
14
mA
Power Dissipation
540
660
mW
Potential at DCOM with
Respect to ACOM (11)
–3
+3
V
TEMPERATURE RANGES
Specification
–40
+85
°C
Storage
–60
+100
°C
Thermal Resistance,
θ
JA,Plastic DIP
30
°C/W
NOTES: (1) For Two’s Complement Input Coding invert the MSB with an external logic inverter. (2) Digital inputs are TTL and +5V CMOS compatible over the
specification temperature range. (3) Open DATA input lines will be pulled above +5.5V. See discussion under LOGIC INPUT COMPATIBILITY section. (4) FSR means
Full Scale Range. For example, for
±10V output, FSR = 20V. (5) Adjustable to zero with external trim potentiometer. (6) Specified with 500Ω connected between
VREF OUT and VREF IN. (7) Error at input code 800HEX. DAC2813 specified with 100Ω connected betweenVREF OUT and VREF IN; and with 500Ω connected between VREF
OUT and BPO. (8) Maximum represents the 3σ limit. Not 100% tested for this parameter. (9) For the worst-case code change: 7FFHEX to 800HEX and 800HEX to 7FFHEX.
(10) Crosstalk is defined as the change in any output as a result of any other output being driven from –10V to +10V at rated output current. (11) The maximum voltage
at which ACOM and DCOM may be separated without affecting accuracy specifications.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com