Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS151 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 54LS151
Description  8-INPUT MULTIPLEXER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

54LS151 Datasheet(HTML) 3 Page - Motorola, Inc

  54LS151 Datasheet HTML 1Page - Motorola, Inc 54LS151 Datasheet HTML 2Page - Motorola, Inc 54LS151 Datasheet HTML 3Page - Motorola, Inc 54LS151 Datasheet HTML 4Page - Motorola, Inc 54LS151 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5-254
FAST AND LS TTL DATA
SN54/74LS151
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
– 0.4
mA
IOL
Output Current — Low
54
74
4.0
8.0
mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
54
0.7
V
Guaranteed Input LOW Voltage for
VIL
Input LOW Voltage
74
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
54
2.5
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOH
Output HIGH Voltage
74
2.7
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOL
Output LOW Voltage
54, 74
0.25
0.4
V
IOL = 4.0 mA
VCC = VCC MIN,
VIN = VIL or VIH
per Truth Table
VOL
Output LOW Voltage
74
0.35
0.5
V
IOL = 8.0 mA
VIN = VIL or VIH
per Truth Table
IIH
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
– 0.4
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current (Note 1)
– 20
– 100
mA
VCC = MAX
ICC
Power Supply Current
10
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25°C)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
tPHL
Propagation Delay
Select to Output Z
27
18
43
30
ns
VCC = 5.0 V
CL = 15 pF
tPLH
tPHL
Propagation Delay
Select to Output Z
14
20
23
32
ns
VCC = 5.0 V
CL = 15 pF
tPLH
tPHL
Propagation Delay
Enable to Output Z
26
20
42
32
ns
VCC = 5.0 V
CL = 15 pF
tPLH
tPHL
Propagation Delay
Enable to Output Z
15
18
24
30
ns
VCC = 5.0 V
CL = 15 pF
tPLH
tPHL
Propagation Delay
Data to Output Z
20
16
32
26
ns
tPLH
tPHL
Propagation Delay
Data to Output Z
13
12
21
20
ns
AC WAVEFORMS
Figure 1
Figure 2
VIN
VOUT
1.3 V
tPHL
1.3 V
1.3 V
tPLH
1.3 V
VIN
VOUT
1.3 V
tPHL
1.3 V
1.3 V
1.3 V
tPLH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com