Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS153 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 74LS153
Description  DUAL 4-INPUT MULTIPLEXER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS153 Datasheet(HTML) 2 Page - Motorola, Inc

  74LS153 Datasheet HTML 1Page - Motorola, Inc 74LS153 Datasheet HTML 2Page - Motorola, Inc 74LS153 Datasheet HTML 3Page - Motorola, Inc 74LS153 Datasheet HTML 4Page - Motorola, Inc 74LS153 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5-258
FAST AND LS TTL DATA
SN54/74LS153
FUNCTIONAL DESCRIPTION
The LS153 is a Dual 4-input Multiplexer fabricated with Low
Power, Schottky barrier diode process for high speed. It can
select two bits of data from up to four sources under the control
of the common Select Inputs (S0, S1). The two 4-input multi-
plexer circuits have individual active LOW Enables (Ea, Eb)
which can be used to strobe the outputs independently. When
the Enables (Ea, Eb) are HIGH, the corresponding outputs (Za,
Zb) are forced LOW.
The LS153 is the logic implementation of a 2-pole, 4-posi-
tion switch, where the position of the switch is determined by
the logic levels supplied to the two Select Inputs. The logic
equations for the outputs are shown below.
Za = Ea ⋅ (I0a ⋅ S1 ⋅ S0 + I1a ⋅ S1 ⋅ S0 + I2a ⋅ S1 ⋅ S0 +
I3a ⋅ S1 ⋅ S0)
Zb = Eb ⋅ (I0b ⋅ S1 ⋅ S0 + I1b ⋅ S1 ⋅ S0 + I2b ⋅ S1 ⋅ S0 +
I3b ⋅ S1 ⋅ S0)
The LS153 can be used to move data from a group of regis-
ters to a common output bus. The particular register from
which the data came would be determined by the state of the
Select Inputs. A less obvious application is a function genera-
tor. The LS153 can generate two functions of three variables.
This is useful for implementing highly irregular random logic.
TRUTH TABLE
SELECT INPUTS
INPUTS (a or b)
OUTPUT
S0
S1
E
I0
I1
I2
I3
Z
X
X
H
X
X
X
X
L
L
L
L
L
X
X
X
L
L
L
L
H
X
X
X
H
H
L
L
X
L
X
X
L
H
L
L
X
H
X
X
H
L
H
L
X
X
L
X
L
L
H
L
X
X
H
X
H
H
H
L
X
X
X
L
L
H
H
L
X
X
X
H
H
H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
– 0.4
mA
IOL
Output Current — Low
54
74
4.0
8.0
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com