Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP5102 Datasheet(PDF) 1 Page - API Technologies Corp

Part # FP5102
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FP5102 Datasheet(HTML) 1 Page - API Technologies Corp

  FP5102 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
5-500 MHz
5-500 MHz
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point .......+52 dBm (Typ.)
Second Order Two Tone Intercept Point ........+46 dBm (Typ.)
Third Order Two Tone Intercept Point ............+36 dBm (Typ.)
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Power
Vdc
+15
+15 Min.
mA
88
90 Max.
RF AMPLIFIER
MODEL TM5102
Available as:
TM5102, 4 Pin TO-8 (T4)
TN5102, 4 Pin Surface Mount (SM3)
FP5102, 4 Pin Flatpack (FP4)
BX5102, Connectorized Housing (H1)
Features
n Medium Gain: 12.5 dB Typical
n High Output Power: +22 dBm Typical
n Operating Temp. - 55 ºC to +85 ºC
n Environmental Screening Available
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
5.5
7.0 Max.
VSWR
In
<1.5:1
2.0:1Max.
Out
<1.5:1
2.0:1Max.
Reverse
Isolation (dB)
-16
-15 Max.
Power @ 1 dB
Comp. (dBm)
+22
+20 Min.
Gain (dB)
12.5
11 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power ................................. + 10 dBm
Short Term RF Input Power .... 100 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.2 Watt (3
µsec Max.)
06/02/04
Linear S-Parameters
FREQ.
– – – – S11– – – –
– – – – S21– – – –
– – – S 1 2 – – – –
– – – S22– – –
MHz
Deg
Mag
Deg
Mag
Deg
Mag
Deg
Mag
=========================================================================================================
5
50
100
200
300
400
500
.14
.03
.09
.16
.21
.23
.17
- 82
95
62
23
- 10
- 42
- 75
4.20
4.36
4.31
4.24
4.23
4.27
4.35
-166
175
166
150
89
58
24
.12
.13
.13
.14
.15
.15
.16
11
- 2
- 6
- 14
- 24
- 35
- 47
.15
.05
.08
.13
.16
.16
.13
115
85
64
30
- 4
- 43
- 94
2.0
1.5
1.0
2.0
1.5
1.0
3
7
6
5
4
13
12
11
+24
+23
+22
+21
+20
0
- 10
- 20
- 30
- 40
Start 5 MHz
Stop 500 MHz
Start 5 MHz
Start 5 MHz
Start 5 MHz
Start 5 MHz
Start 5 MHz
Stop 500 MHz
Stop 500 MHz
Stop 500 MHz
Stop 500 MHz
Stop 500 MHz
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - FP5102

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP5101 APITECH-FP5101 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
logo
Feeling Technology Corp...
FP5101 FEELING-FP5101 Datasheet
734Kb / 20P
1 Channel Synchronous PWM Controller
FP5101A FEELING-FP5101A Datasheet
734Kb / 20P
1 Channel Synchronous PWM Controller
FP5101AXR-LF FEELING-FP5101AXR-LF Datasheet
734Kb / 20P
1 Channel Synchronous PWM Controller
FP5101XR-LF FEELING-FP5101XR-LF Datasheet
734Kb / 20P
1 Channel Synchronous PWM Controller
More results

Similar Description - FP5102

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com