Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS147 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 74LS147
Description  10-LINE-TO-4-LINE AND 8-LINE-TO-3-LINE PRIORITY ENCODERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS147 Datasheet(HTML) 1 Page - Motorola, Inc

  74LS147 Datasheet HTML 1Page - Motorola, Inc 74LS147 Datasheet HTML 2Page - Motorola, Inc 74LS147 Datasheet HTML 3Page - Motorola, Inc 74LS147 Datasheet HTML 4Page - Motorola, Inc 74LS147 Datasheet HTML 5Page - Motorola, Inc 74LS147 Datasheet HTML 6Page - Motorola, Inc 74LS147 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
5-245
FAST AND LS TTL DATA
10-LINE-TO-4-LINE
AND 8-LINE-TO-3-LINE
PRIORITY ENCODERS
The SN54 / 74LS147 and the SN54/ 74LS148 are Priority Encoders. They
provide priority decoding of the inputs to ensure that only the highest order
data line is encoded. Both devices have data inputs and outputs which are
active at the low logic level.
The LS147 encodes nine data lines to four-line (8-4-2-1) BCD. The implied
decimal zero condition does not require an input condition because zero is
encoded when all nine data lines are at a high logic level.
The LS148 encodes eight data lines to three-line (4-2-1) binary (octal). By
providing cascading circuitry (Enable Input EI and Enable Output EO) octal
expansion is allowed without needing external circuitry.
The SN54 / 74LS748 is a proprietary Motorola part incorporating a built-in
deglitcher network which minimizes glitches on the GS output. The glitch
occurs on the negative going transition of the EI input when data inputs 0 – 7
are at logical ones.
The only dc parameter differences between the LS148 and the LS748 are
that (1) Pin 10 (input 0) has a fan-in of 2 on the LS748 versus a fan-in of 1 on
the LS148; (2) Pins 1, 2, 3, 4, 11, 12 and 13 (inputs 1, 2, 3, 4, 5, 6, 7) have a
fan-in of 3 on the LS748 versus a fan-in of 2 on the LS148.
The only ac difference is that tPHL from EI to EO is changed from 40 to
45 ns.
SN54 / 74LS147
(TOP VIEW)
SN54 / 74LS148
SN54 / 74LS748
(TOP VIEW)
4
5
6
7
8
C
B
GND
D
3
2
1
9
A
VCC NC
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
D
3
2
1
9
A
4
5
6
7
8
C
B
OUTPUT
INPUTS
OUTPUT
INPUTS
OUTPUTS
4
5
6
7
E1
A2
A1 GND
VCC EO GS
3
2
1
0
A0
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
EO
GS
3
2
1
0
A0
4
5
6
7
EI
A2
A1
OUTPUTS
INPUTS
OUTPUT
INPUTS
OUTPUTS
SN54/74LS147
SN54/74LS148
SN54/74LS748
10-LINE-TO-4-LINE
AND 8-LINE-TO-3-LINE
PRIORITY ENCODERS
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03


Similar Part No. - 74LS147

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LS147 ONSEMI-74LS147 Datasheet
134Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
74LS147 TI-74LS147 Datasheet
177Kb / 22P
10-LINE TO 4-LINE AND 8-LINE TO 3-LINE PRIORITY ENCODERS
More results

Similar Description - 74LS147

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54147 TI-SN54147 Datasheet
177Kb / 22P
10-LINE TO 4-LINE AND 8-LINE TO 3-LINE PRIORITY ENCODERS
SN54HC148 TI-SN54HC148 Datasheet
585Kb / 17P
8-LINE TO 3-LINE PRIORITY ENCODERS
SN54LS348 TI-SN54LS348 Datasheet
192Kb / 5P
8-LINE TO 3-LINE PRIORITY ENCODERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LS148 HITACHI-HD74LS148 Datasheet
70Kb / 6P
8-line-to-3-line Octal Priority Encoders
logo
Texas Instruments
SN54LS148 TI-SN54LS148 Datasheet
556Kb / 20P
10 LINE TO 4 LINE AND 8 LINE TO 3 LINE PRIORITY ENCODERS
SN54LS348 TI-SN54LS348_06 Datasheet
586Kb / 13P
8-LINE TO 3-LINE PRIORITY ENCODERS WITH 3-STATE OUTPUTS
SN54147 TI-SN54147_07 Datasheet
672Kb / 24P
10-LINE TO 4-LINE AND 8-LINE TO 3-LINE PRIORITY ENCODERS
SN54HC148 TI1-SN54HC148_15 Datasheet
1Mb / 19P
8-LINE TO 3-LINE PRIORITY ENCODERS
SN54LS348 TI1-SN54LS348_14 Datasheet
536Kb / 13P
8-LINE TO 3-LINE PRIORITY ENCODERS WITH 3-STATE OUTPUTS
SN54147 TI1-SN54147_15 Datasheet
1Mb / 26P
10-LINE TO 4-LINE AND 8-LINE PRIORITY ENCODERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com