Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB3846 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UB3846
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB3846 Datasheet(HTML) 2 Page - Unisonic Technologies

  UB3846 Datasheet HTML 1Page - Unisonic Technologies UB3846 Datasheet HTML 2Page - Unisonic Technologies UB3846 Datasheet HTML 3Page - Unisonic Technologies UB3846 Datasheet HTML 4Page - Unisonic Technologies UB3846 Datasheet HTML 5Page - Unisonic Technologies UB3846 Datasheet HTML 6Page - Unisonic Technologies UB3846 Datasheet HTML 7Page - Unisonic Technologies UB3846 Datasheet HTML 8Page - Unisonic Technologies UB3846 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UB3846
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R103-053.C
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
PIN TYPE
DESCRIPTION
1
GATE
O
The totem-pole output driver for driving the power MOSFET.
2
VDD
P
Power supply.
3
NC
NC pin.
4
SENSE
I
Current sense input pin. Connected to MOSFET current sensing resistor
node.
5
RI
I
A resistor connected between RI and GND sets switching frequency. A
100kΩ resistor RI results in a 70kHz switching frequency.
6
NC
NC pin.
7
FB
I
Feedback input pin. The PWM duty cycle is determined by voltage level
into this pin and SENSE pin input.
8
GND
P
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com