Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS155 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 74LS155
Description  DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS155 Datasheet(HTML) 1 Page - Motorola, Inc

  74LS155 Datasheet HTML 1Page - Motorola, Inc 74LS155 Datasheet HTML 2Page - Motorola, Inc 74LS155 Datasheet HTML 3Page - Motorola, Inc 74LS155 Datasheet HTML 4Page - Motorola, Inc 74LS155 Datasheet HTML 5Page - Motorola, Inc 74LS155 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5-262
FAST AND LS TTL DATA
DUAL 1-OF-4 DECODER/
DEMULTIPLEXER
The SN54 / 74LS155 and SN54 / 74LS156 are high speed Dual 1-of-4
Decoder/Demultiplexers. These devices have two decoders with common
2-bit Address inputs and separate gated Enable inputs. Decoder “a” has an
Enable gate with one active HIGH and one active LOW input. Decoder “b” has
two active LOW Enable inputs. If the Enable functions are satisfied, one
output of each decoder will be LOW as selected by the address inputs. The
LS156 has open collector outputs for wired-OR (DOT-AND) decoding and
function generator applications.
The LS155 and LS156 are fabricated with the Schottky barrier diode
process for high speed and are completely compatible with all Motorola TTL
families.
• Schottky Process for High Speed
• Multifunction Capability
• Common Address Inputs
• True or Complement Data Demultiplexing
• Input Clamp Diodes Limit High Speed Termination Effects
• ESD > 3500 Volts
CONNECTION DIAGRAM DIP (TOP VIEW)
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
Ea
Eb
Eb
A0 O3b
O1b
O2b
O0b
Ea
A1 O3a O2a O1a O0a GND
PIN NAMES
LOADING (Note a)
HIGH
LOW
A0, A1
Ea, Eb
Ea
O0 – O3
Address Inputs
Enable (Active LOW) Inputs
Enable (Active HIGH) Input
Active LOW Outputs (Note b)
0.5 U.L.
0.5 U.L.
0.5 U.L.
10 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
5 (2.5) U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74)
Temperature Ranges. The HIGH level drive for the LS156 must be established by an external
resistor.
SN54/74LS155
SN54/74LS156
DUAL 1-OF-4 DECODER/
DEMULTIPLEXER
LS156-OPEN-COLLECTOR
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
1 2
13 3
14 15
E
E
A0
A0
A1
A1
0 1 2
3
0
1 2 3
DECODER a
DECODER b
7 6 5
4
9 10 11 12


Similar Part No. - 74LS155

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS155 MOTOROLA-74LS155 Datasheet
78Kb / 4P
DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
Texas Instruments
74LS155 TI-74LS155 Datasheet
732Kb / 17P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
logo
Fairchild Semiconductor
74LS155 FAIRCHILD-74LS155 Datasheet
63Kb / 6P
Dual 2-Line to 4-Line Decoders/Demultiplexers
logo
Hitachi Semiconductor
74LS155 HITACHI-74LS155 Datasheet
73Kb / 6P
Dual 2-line-to-4-line Decoders/Demultiplexers
logo
National Semiconductor ...
74LS155 NSC-74LS155 Datasheet
161Kb / 8P
Dual 2-Line to 4-Line Decoders/Demultiplexers
More results

Similar Description - 74LS155

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC139 NSC-54AC139 Datasheet
172Kb / 8P
Dual 1-of-4 Decoder/Demultiplexer
logo
Motorola, Inc
SN54-74LS155 MOTOROLA-SN54-74LS155 Datasheet
78Kb / 4P
DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
NXP Semiconductors
74ALS139 PHILIPS-74ALS139 Datasheet
97Kb / 8P
Dual 1-of-4 decoder/demultiplexer
1991 Feb 08
74F139 PHILIPS-74F139 Datasheet
75Kb / 8P
Dual 1-of-4 decoder/demultiplexer
1990 Feb 23
HEF4555B PHILIPS-HEF4555B Datasheet
36Kb / 4P
Dual 1-of-4 decoder/demultiplexer
January 1995
logo
Fairchild Semiconductor
74AC139 FAIRCHILD-74AC139 Datasheet
98Kb / 9P
Dual 1-of-4 Decoder/Demultiplexer
logo
National Semiconductor ...
74156 NSC-74156 Datasheet
56Kb / 2P
DUAL 1-OF-4 DECODER/DEMULTIPLEXER
logo
KODENSHI_AUK CORP.
KK74HC139A KODENSHI-KK74HC139A Datasheet
222Kb / 6P
Dual 1-of-4 Decoder/Demultiplexer
logo
Fairchild Semiconductor
74AC139SCX FAIRCHILD-74AC139SCX Datasheet
101Kb / 9P
Dual 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
74AC139 ONSEMI-74AC139 Datasheet
351Kb / 12P
Dual 1-of-4 Decoder / Demultiplexer
January, 2017 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com