Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS0002 Datasheet(PDF) 1 Page - API Technologies Corp

Part # OPS0002
Description  PHASE SHIFTER DC TO 50 GHz, COAXIAL, OPTICAL COMMUNICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

OPS0002 Datasheet(HTML) 1 Page - API Technologies Corp

  OPS0002 Datasheet HTML 1Page - API Technologies Corp OPS0002 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT
PHASE SHIFTER
SPECIFICATION
DC TO 50 GHz, COAXIAL, OPTICAL COMMUNICATIONS
API Technologies RF2M
 8 Executive Drive  Hudson, NH 03051
Phone: 888-553-7531
 Fax: 603.459.1605
micro.apietech.com
OPS SERIES
SPECIFICATIONS
Model
OPS0002
OPS-0002K®
Frequency Range (GHz)
DC-50
DC-50
Phase Shift, min (
o/GHz)
40
40
Phase Shift, min (
o/GHz/Shaft
Turn)
1.6
1.6
Insertion Phase Nominal
@ Min Phase Setting (
o/GHz)
190
190
Number of Turns, min
28
28
Insertion Loss, max (dB) DC-20GH
20-50GH
3
5
3
5
Time Delay, min (ps)
100
100
Time Delay, min (ps/Shaft Turn)
4
4
Time Delay, nominal @ Min
Phase Setting (ps)
500
500
Weight
Ounces
3
3
NOTES:
1.
1 Degree per GHz of Phase Shift equals 2.78 picoseconds of time delay.
FEATURES
• DC – 50 GHz Range for Optical Communications
• Precision 2.4 mm Connectors or 2.9mm K® Connectors
• Precision Micrometer Head Adjustment for Enhanced
Resolution and Setting Accuracy


Similar Part No. - OPS0002

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
OPS002 FILTRONIC-OPS002 Datasheet
183Kb / 1P
PHASE SHIFTER DC TO 50 GHz, COAXIAL, OPTICAL COMMUNICATIONS
More results

Similar Description - OPS0002

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CBL-SERIES MINI-CBL-SERIES Datasheet
236Kb / 3P
Coaxial-Flex Test Cables 50??DC to 18 GHz
logo
Filtronic Compound Semi...
6602 FILTRONIC-6602 Datasheet
148Kb / 3P
PHASE SHIFTER DC TO 2, 4 AND 8 GHZ, COAXIAL HIGH POWER
6605 FILTRONIC-6605 Datasheet
130Kb / 3P
PHASE SHIFTER DC TO 18, 26.5 GHZ, COAXIAL
6706 FILTRONIC-6706 Datasheet
159Kb / 4P
PHASE SHIFTER DC TO 2,4 AND 8 GHZ, COAXIAL
6709 FILTRONIC-6709 Datasheet
160Kb / 2P
PHASE SHIFTER DC TO 1 GHZ, COAXIAL
OPS002 FILTRONIC-OPS002 Datasheet
183Kb / 1P
PHASE SHIFTER DC TO 50 GHz, COAXIAL, OPTICAL COMMUNICATIONS
logo
API Technologies Corp
6709 APITECH-6709 Datasheet
73Kb / 2P
DC TO 1 GHz, COAXIAL
6604 APITECH-6604 Datasheet
175Kb / 3P
PHASE SHIFTER DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
6603 APITECH-6603 Datasheet
175Kb / 3P
PHASE SHIFTER DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
6602 APITECH-6602 Datasheet
175Kb / 3P
PHASE SHIFTER DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com