Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS166N Datasheet(PDF) 4 Page - Motorola, Inc

Part # SN74LS166N
Description  8-BIT SHIFT REGISTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS166N Datasheet(HTML) 4 Page - Motorola, Inc

  SN74LS166N Datasheet HTML 1Page - Motorola, Inc SN74LS166N Datasheet HTML 2Page - Motorola, Inc SN74LS166N Datasheet HTML 3Page - Motorola, Inc SN74LS166N Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5-4
FAST AND LS TTL DATA
SN54/74LS166
TEST TABLE FOR SYNCHRONOUS INPUTS
DATA INPUT
FOR TEST
SHIFT/LOAD
OUTPUT TESTED
H
0 V
QH at tn+1
Serial
Input
4.5 V
QH at tn+8
AC WAVEFORMS
NOTE 1. tn = bit time before clocking transition
NOTE 1. tn+1 = bit time after one clocking transition
NOTE 1. tn+8 = bit time after eight clocking transition
NOTE 1. LS166 Vref = 1.3 V.
CLEAR INPUT
CLOCK INPUT
DATA
INPUT
(SEE TEST
TABLE)
OUTPUT Q
Vref
tw(clear)
tPHL
(clear-Q)
(SEE NOTE 1)
tn + 1
tn
tsu
th
tPLH
(CLK-Q)
3 V
0 V
VOH
VOL
3 V
3 V
0 V
0 V
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
tn
tn + 1
tsu
th
tPHL
tw(clock)
(CLK-Q)
Vref
Vref
Vref
AC CHARACTERISTICS (TA = 25°C)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
fMAX
Maximum Clock Frequency
25
35
MHz
VCC = 5.0 V
CL = 15 pF
tPHL
Clear to Output
19
30
ns
VCC = 5.0 V
CL = 15 pF
tPLH
tPHL
Clock to Output
23
24
35
35
ns
CC = 5.0 V
CL = 15 pF
AC SETUP REQUIREMENTS (TA = 25°C)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tW
Clock Clear Pulse Width
30
ns
VCC = 5.0 V
ts
Mode Control Setup Time
30
ns
VCC = 5.0 V
ts
Data Setup Time
20
ns
VCC = 5.0 V
th
Hold Time, Any Input
15
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com