Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

312 Datasheet(PDF) 2 Page - API Technologies Corp

Part # 312
Description  Pre-Filtered GPS LNA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

312 Datasheet(HTML) 2 Page - API Technologies Corp

  312 Datasheet HTML 1Page - API Technologies Corp 312 Datasheet HTML 2Page - API Technologies Corp 312 Datasheet HTML 3Page - API Technologies Corp 312 Datasheet HTML 4Page - API Technologies Corp 312 Datasheet HTML 5Page - API Technologies Corp 312 Datasheet HTML 6Page - API Technologies Corp 312 Datasheet HTML 7Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Spectrum Microwave, a division of API Technologies, Corp
38166 Old Stage Road Delmar, DE 19940
Phone 302.462.3500 Fax 302.846.3888
www.spectrummicrowave.com
Last Revision: 11/20/2012
312 Series
Pre-Filtered GPS LNA
Gain
Noise Figure at +25°C
Gain Variation over Temperature
Noise Figure at +85°C
Return Loss
Group Delay



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com