Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4002 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 4002
Description  TWO WAY, 1 TO 18 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

4002 Datasheet(HTML) 1 Page - API Technologies Corp

  4002 Datasheet HTML 1Page - API Technologies Corp 4002 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT
POWER DIVIDERS
SPECIFICATION
TWO WAY, 1 TO 18 GHz
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
4002 SERIES
SPECIFICATIONS
Frequency
Range
GHz
Insertion
Loss max
(dB) @ f (GHz)
VSWR
max
Input/Output
Isolation
min
(dB)
Amplitude
Unbalance
max
(dB)
Phase
Unbalance
max
(Degrees)
Average
Power1
(W) @ 1 GHz
Model
1-2
0.3
1.35/1.35
20
0.2
2
15
4122
2-4
0.3
1.35/1.35
20
0.2
3
5
4132
2.3-4.4
0.4
1.25/1.30
20
0.2
3
2
4132A
3.7-4.2
0.4
1.25/1.30
20
0.2
3
2
4212
4-8
0.4
1.35/1.35
20
0.3
3
2
4142
7.2-10.8
0.6
1.50/1.35
20
0.4
4
2
4152A
2-18
(Note 2)
1.50/1.40
17 (2-3 GHz)
0.2
2 (2-3 GHz)
5
4232
20 (3-5 GHz)
3 (3-5 GHz)
24 (5-18 GHz)
5 (5-18 GHz)
NOTES:
1.
Input power with 1.5 max output systems VSWR.
2.
0.6 + .07 x f (GHz) dB max.
3.
Input power with 1.5 max output load VSWR. Power handling is reduced when used as a combiner. Consult factory.
FEATURES
• Designed to Meet MIL-E-5400 Class 3
• SMA Female Connectors per MIL-PRF-39012
• High Isolation Wilkinson Circuit Design
OUTLINE DRAWING
MODELS 4122, 4132, 4132A, 4212, 4142 and 4152A


Similar Part No. - 4002

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4002 FILTRONIC-4002 Datasheet
323Kb / 2P
POWER DIVDERS - TWO WAY, 1TO 18 GHZ
logo
Grayhill, Inc
4002 GRAYHILL-4002 Datasheet
63Kb / 1P
Momentary or Momentary With Positive Feel
4002 GRAYHILL-4002 Datasheet
213Kb / 1P
Momentary or Momentary With Positive Feel
logo
WECO ELECTRICAL CONNECT...
4002 WECO-4002 Datasheet
302Kb / 1P
Socket terminal blocks without mounting holes
12.19
logo
Heyco.
4002 HEYCO-4002 Datasheet
128Kb / 1P
Nylon Knock Out Seals and Thick Panel Knock Out Seals
More results

Similar Description - 4002

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
PD22-73 ALPHA-PD22-73 Datasheet
358Kb / 3P
Two-Way Power Splitter 2.1-2.3 GHz
logo
Filtronic Compound Semi...
4002 FILTRONIC-4002 Datasheet
323Kb / 2P
POWER DIVDERS - TWO WAY, 1TO 18 GHZ
4003 FILTRONIC-4003 Datasheet
273Kb / 2P
POWER DIVIDERS - THREE WAY, 1 TO 18 GHZ
4004 FILTRONIC-4004 Datasheet
369Kb / 3P
POWER DIVIDERS FOUR-WAY, 1 TO 18 GHZ
4008 FILTRONIC-4008 Datasheet
264Kb / 1P
POWER DIVIDERS EIGHT-WAY, 2 TO 18 GHZ
logo
Skyworks Solutions Inc.
PD19-73LF SKYWORKS-PD19-73LF Datasheet
177Kb / 4P
Two-Way Power Splitter/Combiner 1.71-1.99 GHz
PD22-73 SKYWORKS-PD22-73 Datasheet
154Kb / 4P
Two-Way Power Splitter 2.1-2.3 GHz
logo
Micronetics, Inc.
NMA2218-A2T MICRONETICS-NMA2218-A2T Datasheet
323Kb / 2P
Legacy 1 GHz to 18 GHz
logo
API Technologies Corp
MR140M APITECH-MR140M Datasheet
133Kb / 1P
RF: 4 to 18 GHz IF: 1 to 10 GHz
4004 APITECH-4004 Datasheet
195Kb / 3P
FOUR-WAY, 1 TO 18 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com