Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS166D Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN74LS166D
Description  8-BIT SHIFT REGISTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS166D Datasheet(HTML) 1 Page - Motorola, Inc

  SN74LS166D Datasheet HTML 1Page - Motorola, Inc SN74LS166D Datasheet HTML 2Page - Motorola, Inc SN74LS166D Datasheet HTML 3Page - Motorola, Inc SN74LS166D Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5-1
FAST AND LS TTL DATA
8-BIT SHIFT REGISTERS
The SN54L/ 74LS166 is an 8-Bit Shift Register. Designed with all inputs
buffered, the drive requirements are lowered to one 54/ 74LS standard load.
By utilizing input clamping diodes, switching transients are minimized and
system design simplified.
The LS166 is a parallel-in or serial-in, serial-out shift register and has a
complexity of 77 equivalent gates with gated clock inputs and an overriding
clear input. The shift/load input establishes the parallel-in or serial-in mode.
When high, this input enables the serial data input and couples the eight
flip-flops for serial shifting with each clock pulse. Synchronous loading occurs
on the next clock pulse when this is low and the parallel data inputs are
enabled. Serial data flow is inhibited during parallel loading. Clocking is done
on the low-to-high level edge of the clock pulse via a two input positive NOR
gate, which permits one input to be used as a clock enable or clock inhibit
function. Clocking is inhibited when either of the clock inputs are held high,
holding either input low enables the other clock input. This will allow the
system clock to be free running and the register stopped on command with
the other clock input. A change from low-to-high on the clock inhibit input
should only be done when the clock input is high. A buffered direct clear input
overrides all other inputs, including the clock, and sets all flip-flops to zero.
• Synchronous Load
• Direct Overriding Clear
• Parallel to Serial Conversion
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
SERIAL
INPUT
SHIFT/
LOAD
H
QH
G
E
F
CLEAR
A
B
C
D
CLOCK
INHIBIT
CLOCK GND
PARALLEL
PARALLEL INPUTS
INPUT OUTPUT
PARALLEL INPUTS
SHIFT/
LOAD
SERIAL INPUT
CLOCK
INHIBIT
H
QH
G
F
E
A
B
C
D
CK
CLEAR
FUNCTION TABLE
INPUTS
INTERNAL
OUTPUTS
OUTPUT
QH
CLEAR
SHIFT/
LOAD
CLOCK
INHIBIT
CLOCK
SERIAL
PARALLEL
INTERNAL
OUTPUTS
OUTPUT
QH
CLEAR
SHIFT/
LOAD
CLOCK
INHIBIT
CLOCK
SERIAL
A . . . H
QA
QB
QH
L
X
X
X
X
X
L
L
L
H
X
L
L
X
X
QA0
QB0
QH0
H
L
L
↑
X
a . . . h
a
b
h
H
H
L
↑
H
X
H
QAn
QGn
H
H
L
↑
L
X
L
QAn
QGn
H
X
H
↑
X
X
QA0
QB0
QH0
SN54/74LS166
8-BIT SHIFT REGISTERS
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03


Similar Part No. - SN74LS166D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS166D ONSEMI-SN74LS166D Datasheet
131Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results

Similar Description - SN74LS166D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5491A TI-SN5491A Datasheet
204Kb / 5P
8-BIT SHIFT REGISTERS
logo
Hitachi Semiconductor
HD74LS166A HITACHI-HD74LS166A Datasheet
91Kb / 7P
8-bit Shift Registers
HD74LS91 HITACHI-HD74LS91 Datasheet
59Kb / 6P
8-bit Shift Registers
logo
Texas Instruments
SN54198 TI-SN54198 Datasheet
394Kb / 11P
8-BIT SHIFT REGISTERS
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
logo
Unisonic Technologies
U74HCT595 UTC-U74HCT595_15 Datasheet
196Kb / 6P
8-BIT SHIFT REGISTERS
logo
Texas Instruments
SN74AHC595 TI1-SN74AHC595_15 Datasheet
1,021Kb / 29P
8-Bit Shift Registers
logo
Aeroflex Circuit Techno...
UT54ACS164 AEROFLEX-UT54ACS164 Datasheet
246Kb / 10P
8-Bit Shift Registers
UT54ACS164E AEROFLEX-UT54ACS164E Datasheet
158Kb / 9P
8-Bit Shift Registers
logo
Texas Instruments
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
8-Bit Shift Registers With Output Registers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com