Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS168N Datasheet(PDF) 5 Page - Motorola, Inc

Part # SN74LS168N
Description  BCD DECADE/MODULO 16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS168N Datasheet(HTML) 5 Page - Motorola, Inc

  SN74LS168N Datasheet HTML 1Page - Motorola, Inc SN74LS168N Datasheet HTML 2Page - Motorola, Inc SN74LS168N Datasheet HTML 3Page - Motorola, Inc SN74LS168N Datasheet HTML 4Page - Motorola, Inc SN74LS168N Datasheet HTML 5Page - Motorola, Inc SN74LS168N Datasheet HTML 6Page - Motorola, Inc SN74LS168N Datasheet HTML 7Page - Motorola, Inc SN74LS168N Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5-306
FAST AND LS TTL DATA
SN54/74LS168
• SN54/74LS169
AC CHARACTERISTICS (TA = 25°C, VCC = 5.0 V)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
fMAX
Maximum Clock Frequency
25
32
MHz
VCC = 5.0 V
CL = 15 pF
tPLH
tPHL
Propagation Delay,
Clock to TC
23
23
35
35
ns
VCC = 5.0 V
CL = 15 pF
tPLH
tPHL
Propagation Delay,
Clock to any Q
13
15
20
23
ns
VCC = 5.0 V
CL = 15 pF
tPLH
tPHL
Propagation Delay,
CET to TC
15
15
20
20
ns
CL = 15 pF
tPLH
tPHL
Propagation Delay,
U / D to TC
17
19
25
29
ns
AC SETUP REQUIREMENTS (TA = 25°C)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tW
Clock Pulse Width
25
ns
VCC = 5.0 V
ts
Setup Time,
Data or Enable
20
ns
VCC = 5.0 V
ts
Setup Time
PE
25
ns
VCC = 5.0 V
ts
Setup Time
U / D
30
ns
CC = 5.0 V
th
Hold Time
Any Input
0
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com