Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFB Datasheet(PDF) 1 Page - Wolfgang Knap

Part # NFB
Description  14-PIN DIP TRI-STATE ENABLE/DISABLE OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WK [Wolfgang Knap]
Direct Link  http://www.knap.at/en/index.html
Logo WK - Wolfgang Knap

NFB Datasheet(HTML) 1 Page - Wolfgang Knap

  NFB Datasheet HTML 1Page - Wolfgang Knap  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Seite - 33 -
Ausgabedatum: 00-09-21
A-1130 Wien
Lilienberggasse 13
Tel.: +43-1-403 08 12
Fax: +43-1-408 72 13
e-mail: info@knap.at
http://www.knap.at
14-PIN DIP TRI-STATE ENABLE/DISABLE OSCILLATORS
NFB1L / NFB1H / NFT1L


Similar Part No. - NFB

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
NFB24 BELIMO-NFB24 Datasheet
620Kb / 3P
On/Off, Spring Return, AC/DC 24 V
NFB24-MFT BELIMO-NFB24-MFT Datasheet
1Mb / 3P
Modulating, Spring Return, 24 V, Multi-Function Technology
NFB24-MFT-S BELIMO-NFB24-MFT-S Datasheet
1Mb / 4P
Modulating, Spring Return, 24 V, Multi-Function Technology
NFB24-S BELIMO-NFB24-S Datasheet
748Kb / 3P
On/Off, Spring Return, AC/DC 24 V
NFB24-SR BELIMO-NFB24-SR Datasheet
722Kb / 3P
Modulating, Spring Return, AC 24 V/DC, for DC 2...10 V or 4...20 mA Control Signal
More results

Similar Description - NFB

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F5C-2E FOX-F5C-2E Datasheet
172Kb / 1P
5.0V HCMOS TRI-STATE ENABLE/DISABLE OSCILLATORS
F5C-2ELF FOX-F5C-2ELF Datasheet
152Kb / 1P
Tri-State Enable/Disable 5.0V Oscillator
F5C-2E3LF FOX-F5C-2E3LF Datasheet
176Kb / 1P
Tri-State Enable/Disable 3.3V Oscillator
F5C-2E3 FOX-F5C-2E3 Datasheet
169Kb / 1P
3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H5C-2E FOX-H5C-2E Datasheet
66Kb / 1P
5.0V HCMOS TRI-STATE ENABLE/DISABLE OSCILLATORS
H5C-2E3 FOX-H5C-2E3 Datasheet
60Kb / 1P
3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H5C-2E3LF FOX-H5C-2E3LF Datasheet
168Kb / 1P
Tri-State Enable/Disable 3.3V Oscillator
H5C-2ELF FOX-H5C-2ELF Datasheet
160Kb / 1P
Tri-State Enable/Disable 5.0V Oscillator
logo
Connor-Winfield Corpora...
HC51RA CONNOR-WINFIELD-HC51RA Datasheet
59Kb / 1P
3.3V, 14 PIN DIP HCMOS ENABLE/DISABLE
logo
Wolfgang Knap
NHB WK-NHB Datasheet
35Kb / 1P
8-PIN DIP TRI-STATE ENABLE/DISABLE OSCILLATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com