Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NMSO Datasheet(PDF) 1 Page - Wolfgang Knap

Part # NMSO
Description   SMT CRYSTAL-OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WK [Wolfgang Knap]
Direct Link  http://www.knap.at/en/index.html
Logo WK - Wolfgang Knap

NMSO Datasheet(HTML) 1 Page - Wolfgang Knap

  NMSO Datasheet HTML 1Page - Wolfgang Knap  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Seite - 44 -
Ausgabedatum: 14-02-11
A-1130 Wien
Lilienberggasse 13
Tel.: +43-1-403 08 12
Fax: +43-1-408 72 13
e-mail: info@knap.at
http://www.knap.at
Wolfgang Knap
Gesellschaft m.b.H. & Co.KG
5x7,5mm SMT CRYSTAL-OSCILLATORS
NMSOL / NMSOH / NMSOT
5,0V
FREQUENZSTABILITÄT
FREQUENCY STABILITY
BETRIEBSBEDINGUNGEN
OPERATING CONDITIONS
Modell Model
NM1SOL/-SOH/-SOT
±100ppm/-10~+70°C
Betriebstemperatur operating temp.
-10~+70°C, -40~+85°C
NM2SOL/-SOH/-SOT
±50ppm/-10~+70°C
Lagertemperatur storage temperature
-55~+125°C
NM3SOL/-SOH/-SOT
±25ppm/-10~+70°C
NM1SOLR/-SOHR/-SOTR
±100ppm/-40~+85°C
Betriebsspannung VDD
supply voltage
+5,0V ±0,5V
NM2SOLR/-SOHR/-SOTR
±50ppm/-40~+85°C
Feuchteempfindlichkeit MSL
1
NM3SOLR/-SOHR/-SOTR
±25ppm/-40~+85°C
Elektrische Daten electrical characteristics
Ta = +25°C, VDD = 5,0 V, CL = 15 pF f. NMSOL, CL = 50 pF f. NMSOH, RL = 400 Ω f. NMSOT
Parameter
parameter
Bedingungen
conditions
Frequenzbereich
frequ. range (MHz)
NMSOL
NMSOH
NMSOT
max. Stromaufnahme
max. input current
IDD
1,800 ~ 32,000
32,000
+ ~ 50,000
50,000
+ ~ 80,000
25 mA
35 mA
-
27 mA
45 mA
75 mA
22 mA
26 mA
-
Frequenzstabilität
frequency stability
über alles *)
all conditions *)
1,800 ~ 80,000
±25 ppm ~ ±100 ppm
Tastverhältnis
symmetry
@50% VDD
@1,4 V
1,800 ~ 80,000
45/55 %
-
-
45/55 %
Ausgangsspannung
output voltage
VOL
VOH
“0“ level
“1“ level
1,800 ~ 80,000
0,5 V max.
4,5 V min.
0,4V max.
2,4V min.
Anstiegszeit max.
rise time max.
TR
0,5 - 4,5 V
0,4 - 2,4 V
1,800 ~ 80,000
10 ns
-
7 ns
-
-
5 ns
Abfallzeit max.
fall time max.
TF
4,5 - 0,5 V
2,4 - 0,4 V
1,800 ~ 80,000
10 ns
-
7 ns
-
-
5 ns
Ausgangsstrom min.
output current min.
IOL
IOH
“0“ level
“1“ level
1,800 ~ 80,000
4 mA
4 mA
16 mA
16 mA
16 mA
4 mA
standby current max.
VIL ≤ 30% VDD
1,800 ~ 80,000
--
max. Belastbarkeit
TTL
1,800 ~ 80,000
10 LS-TTL
10 N-TTL
10 N-TTL
max. driving ability
HCMOS
1,800 ~ 80,000
15 pF
50 pF
-
Startzeit max.
start-up time max.
0,0 ~ 5,0 V
1,800 ~ 32,000
32,000
+ ~ 80,000
5 ms max.
10 ms max.
*) Anmerkung: inkl. Abgleichtoleranz, Temperaturgang, Spannungs- und Laständerung, Alterung, Schock und Vibration
note: incl. frequency and temperature tolerance, supply voltage and load change, aging, shock and vibration
Anschlußbelegung
pin connections
Abmessungen in mm
dimensions in mm
empfohlenes Layout
recommended solder pad layout
#1
E/D
#2
GND
#3
OUT
#4
VDD
Funktionstabelle (f. NMSOL3)
enable /disable function
INH (pin #1)
output (pin #3)
open
active
“1“ (VIH ≥ 70% VDD)
active
“0“ (VIL ≤ 30% VDD)
high Z
5,08
1,4
#1 #2
#4 #3
2,6
#1
#2
#4
#3
5,0
max.
7,5 max.
1,4
±0,1
lead-free/RoHS-conformal
5,08
4,2
2,0
1,8


Similar Part No. - NMSO

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
NMSOJ3 WK-NMSOJ3 Datasheet
47Kb / 1P
SMT CRYSTAL-OSCILLATORS
NMSOL3 WK-NMSOL3 Datasheet
43Kb / 1P
SMT CRYSTAL-OSCILLATORS
NMSOL3B WK-NMSOL3B Datasheet
44Kb / 1P
SMT CRYSTAL-OSCILLATORS
More results

Similar Description - NMSO

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4014FE TOSHIBA-TA4014FE Datasheet
62Kb / 4P
Crystal Oscillators
logo
Vectron International, ...
VCC1-103 VECTRON-VCC1-103 Datasheet
44Kb / 2P
Crystal Oscillators
logo
Epson ToYoCom
TCO-980 EPSONTOYOCOM-TCO-980 Datasheet
840Kb / 2P
Crystal oscillators
logo
Vectron International, ...
XO-480 VECTRON-XO-480 Datasheet
56Kb / 2P
Crystal Oscillators
logo
Kyocera Kinseki Corpota...
OCVCXO-173A KSS-OCVCXO-173A Datasheet
57Kb / 1P
High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
logo
Wolfgang Knap
GMPALAHATA-WK WK-GMPALAHATA-WK Datasheet
94Kb / 1P
CRYSTAL-OSCILLATORS
GMQASAWA-WK WK-GMQASAWA-WK Datasheet
44Kb / 1P
CRYSTAL-OSCILLATORS
NMSOJ3 WK-NMSOJ3 Datasheet
47Kb / 1P
SMT CRYSTAL-OSCILLATORS
NMSOL3 WK-NMSOL3 Datasheet
43Kb / 1P
SMT CRYSTAL-OSCILLATORS
NMSOL3B WK-NMSOL3B Datasheet
44Kb / 1P
SMT CRYSTAL-OSCILLATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com