Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1072SS Datasheet(PDF) 13 Page - LDT Co., Ltd

Part # LD1072SS
Description  16-CH LED DRIVER WITH DOT CORRECTION
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1072SS Datasheet(HTML) 13 Page - LDT Co., Ltd

Back Button LD1072SS Datasheet HTML 9Page - LDT Co., Ltd LD1072SS Datasheet HTML 10Page - LDT Co., Ltd LD1072SS Datasheet HTML 11Page - LDT Co., Ltd LD1072SS Datasheet HTML 12Page - LDT Co., Ltd LD1072SS Datasheet HTML 13Page - LDT Co., Ltd LD1072SS Datasheet HTML 14Page - LDT Co., Ltd LD1072SS Datasheet HTML 15Page - LDT Co., Ltd LD1072SS Datasheet HTML 16Page - LDT Co., Ltd LD1072SS Datasheet HTML 17Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Ver1.0
12
LD1072
16-CH LED DRIVER WITH DOT CORRECTION AND 12-BIT PWM CONTROL
VDS (V)
T
A= 25℃
℃
℃
℃
V
DD=3.0V
I
O= 4mA
I
O= 66mA
I
O= 40mA
I
O= 10mA
Figure 5. V
DS vs. IOUT for DC Mode = 6Bit
VDS (V)
T
A= 25℃
℃
℃
℃
V
DD=5.5V
I
O= 4mA
I
O= 70mA
I
O= 40mA
I
O= 10mA
Typical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com