Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1510SS Datasheet(PDF) 13 Page - LDT Co., Ltd

Part # LD1510SS
Description  3Channel Output LED Driver with 12 bit PWM Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1510SS Datasheet(HTML) 13 Page - LDT Co., Ltd

Back Button LD1510SS Datasheet HTML 9Page - LDT Co., Ltd LD1510SS Datasheet HTML 10Page - LDT Co., Ltd LD1510SS Datasheet HTML 11Page - LDT Co., Ltd LD1510SS Datasheet HTML 12Page - LDT Co., Ltd LD1510SS Datasheet HTML 13Page - LDT Co., Ltd LD1510SS Datasheet HTML 14Page - LDT Co., Ltd LD1510SS Datasheet HTML 15Page - LDT Co., Ltd LD1510SS Datasheet HTML 16Page - LDT Co., Ltd LD1510SS Datasheet HTML 17Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Ver3.0
13
LD1510
3Channel Output LED Driver with 12 bit PWM Controller
LED SUPPLY VOLTAGE( VLED )
•
•
V
LED
Vf
LD1510
VOUT
•
•
V
LED
Vf
LD1510
VOUT
RL
It is very important to select the proper value of Load Resistor( RL ). Because the optimal VOUT value
guarantees the constant output current and long life time of LED driver IC without over power consumption.
For example, let’s calculate the Load Resistor value at VLED=12V, Iout=50mA, LED Forward Voltage(Vf)=3V.
1) The full current of LD1510 = 50mA x 3 (channels) = 150mA
2) The power consumption is 150mA x VOUT voltage.
- when VOUT = 1V, the power consumption is 150mW.
- when VOUT= 2V, the power consumption is 300mW.
Therefore, the Load Resistor (RL) = (VLED – VOUT– Vf*3) / Iout
= (12V –VOUT –9V) / 50mA
= 40Ω (When VOUT = 1V)
Vf
Vf
Vf
Vf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com