Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS173D Datasheet(PDF) 3 Page - Motorola, Inc

Part # SN74LS173D
Description  4-BIT D-TYPE REGISTER WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS173D Datasheet(HTML) 3 Page - Motorola, Inc

  SN74LS173D Datasheet HTML 1Page - Motorola, Inc SN74LS173D Datasheet HTML 2Page - Motorola, Inc SN74LS173D Datasheet HTML 3Page - Motorola, Inc SN74LS173D Datasheet HTML 4Page - Motorola, Inc SN74LS173D Datasheet HTML 5Page - Motorola, Inc SN74LS173D Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5-318
FAST AND LS TTL DATA
SN54/74LS173A
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
54
0.7
V
Guaranteed Input LOW Voltage for
All Inputs
VIL
Input LOW Voltage
74
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
54
2.4
3.4
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOH
Output HIGH Voltage
74
2.4
3.1
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOL
Output LOW Voltage
54, 74
0.25
0.4
V
IOL = 12 mA
VCC = VCC MIN,
VIN = VIL or VIH
per Truth Table
VOL
Output LOW Voltage
74
0.35
0.5
V
IOL = 24 mA
VIN = VIL or VIH
per Truth Table
IOZH
Output Off Current HIGH
20
µA
VCC = MAX, VO = 2.7 V
IOZL
Output Off Current LOW
– 20
µA
VCC = MAX, VO = 0.4 V
IIH
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
– 0.4
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current (Note 1)
– 30
– 130
mA
VCC = MAX
ICC
Power Supply Current
30
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25°C)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
fMAX
Maximum Input Clock Frequency
30
50
MHz
VCC = 5.0 V
CL = 45 pF,
RL = 667 Ω
tPLH
tPHL
Propagation Delay,
Clock to Output
17
22
25
30
ns
VCC = 5.0 V
CL = 45 pF,
RL = 667 Ω
tPHL
Propagation Delay, MR to Output
26
35
ns
CL = 45 pF,
RL = 667 Ω
tPZH
tPZL
Output Enable Time
15
18
23
27
ns
L = 667 Ω
tPLZ
tPHZ
Output Disable Time
11
11
17
17
ns
CL = 5.0 pF,
RL = 667 Ω
AC SETUP REQUIREMENTS (TA = 25°C)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tW
Clock or MR Pulse Width
20
ns
VCC = 5.0 V
ts
Data Enable Setup Time
35
ns
VCC = 5.0 V
ts
Data Setup Time
17
ns
VCC = 5.0 V
th
Hold Time, Any Input
0
ns
CC = 5.0 V
trec
Recovery Time
10
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com