Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH6370 Datasheet(PDF) 1 Page - API Technologies Corp

Part # FH6370
Description  Cover Cellular, PCS & 3G Standard Communications Bands
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FH6370 Datasheet(HTML) 1 Page - API Technologies Corp

  FH6370 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT
QUADRATURE HYBRID / COMBINER
SPECIFICATION
DUAL BAND, 3 dB
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
SPECIFICATIONS
Frequency
(GHz)
Coupling
(dB)
Unbalance1
(dB)
Return
Loss max
(dB)
Loss2
max
(dB)
Isolation
min
(dB)
Power
Handling
max
CW
(Watts)
PIMP
Min
(dBm)
Model
Number
0.8-2.5
3
± .5
20
.3
23 (0.8-2.4Ghz)
22 (2.4-2.5Ghz)
200
>100
FH6370-2
NOTES:
1. Unbalance specifies the maximum coupling loss variation within the specified operating range.
2. Loss is the actual dissipated and reflected loss. It does NOT include coupling loss.
MISCELLANEOUS:
1.
Spectrum Microwave “Standard Warranty and Order Terms and Conditions” apply to all orders.
2.
All specifications subject to change without notice.
3.
Check “Ordering and Availability Listing” for delivery and ordering information.
4.
Contact our local Manufacturers Representative for pricing.
Specification Revision - 071910
FH6370 SERIES
FEATURES
• Cover Cellular, PCS & 3G Standard Communications Bands
• Type “N” Connectors Standard
• Robust Low Cost Package Design
• Low Passive Intermodulation Product (PIMP) Design
OUTLINE DRAWING


Similar Part No. - FH6370

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
FH635 YEONHO-FH635 Datasheet
136Kb / 1P
FH635
More results

Similar Description - FH6370

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7101 AVAGO-ACFM-7101 Datasheet
598Kb / 17P
PCS/Cellular/GPS Quintplexer
logo
Advanced Crystal Techno...
ACTOCXO50 ACT-ACTOCXO50 Datasheet
102Kb / 1P
PCS / Cellular Base Station
14/09/06
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7107-TR1 AVAGO-ACFM-7107-TR1 Datasheet
472Kb / 18P
PCS/Cellular Band Quadplexer
ACFM-7107 AVAGO-ACFM-7107 Datasheet
472Kb / 18P
PCS/Cellular Band Quadplexer
logo
Taoglas antenna solutio...
MA413.A.B.002 TAOGLAS-MA413.A.B.002 Datasheet
2Mb / 35P
Worldwide 4G Bands including 3G and 2G
MA9000.A.LBIWXYZCGHM.001 TAOGLAS-MA9000.A.LBIWXYZCGHM.001 Datasheet
2Mb / 28P
Worldwide 4G Bands including 3G and 2G
MA850.A.LBIC.001 TAOGLAS-MA850.A.LBIC.001 Datasheet
5Mb / 47P
Worldwide 4G Bands including 3G and 2G
MAT.500.B TAOGLAS-MAT.500.B Datasheet
4Mb / 35P
Worldwide 4G Bands including 3G and 2G
logo
World Produts Inc.
WPANT10023 WPI-WPANT10023 Datasheet
98Kb / 2P
3G Cellular Embedded Antenna
WPANT10024 WPI-WPANT10024 Datasheet
198Kb / 3P
3G Cellular Embedded Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com