Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3QL60AK Datasheet(PDF) 1 Page - Leshan Radio Company

Part # 3QL60AK
Description  Package with screw terminals Isolation voltage 3000 V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

3QL60AK Datasheet(HTML) 1 Page - Leshan Radio Company

  3QL60AK Datasheet HTML 1Page - Leshan Radio Company 3QL60AK Datasheet HTML 2Page - Leshan Radio Company 3QL60AK Datasheet HTML 3Page - Leshan Radio Company 3QL60AK Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2
3QL60AK-22 Thru 3QL60AS-22
1. 外型尺寸Feature & Dimension
Features
l
Package with screw terminals
l
Isolation voltage 3000 V~
l
Glass passivated chips
l
Blocking voltage up to 1600 V
l
Low forward voltage drop
l
UL registered E231047
Applications
l
Supplies for DC power equipment
l
Input rectifiers for PWM inverter
l
Battery DC power supplies
l
Field supply for DC motors
Advantages
l
Easy to mount with two screws
l
Space and weight savings
l
Improved temperature and power cycling
2. 产品性能Product Characteristic
ELECTRICAL AND THERMAL CHARACTERISTICS
TC=25
°C unless otherwise specified
Item
Symbol
3QL60AK
3QL60AO
3QL60AQ
3QL60AS
Unit
Maximum repetitive voltage
VRM
800
1200
1400
1600
V
Maximum RMS Voltage
VRMS
560
840
980
1120
V
Maximum DC Blocking Voltage
VDC
800
1200
1400
1600
V
≤10
uA
Peak Reverse Current (per leg) @Tj = 25
°C
At Rated DC Blocking Voltage @Tj = 150
°C
IR
≤8
mA
Average recified forward current 60Hz sine
wave,R-load with heatsink Tc=100℃
Io
60
A
TJ=45℃VR=0
t=10ms (50Hz),sine
t=8.3ms(60Hz),sine
TJ=150℃ VR=0
t=10ms (50Hz),sine
t=8.3ms(60Hz),sine
IFSM
700
750
590
620
A


Similar Part No. - 3QL60AK

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
3QL60AK LRC-3QL60AK Datasheet
331Kb / 4P
Package with screw terminals Isolation voltage 3000 V
3QL60AK-22 LRC-3QL60AK-22 Datasheet
368Kb / 4P
Glass passivated chips
3QL60AK-30 LRC-3QL60AK-30 Datasheet
331Kb / 4P
Isolation voltage 3000 V~
More results

Similar Description - 3QL60AK

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
3QL50AK-30 LRC-3QL50AK-30 Datasheet
374Kb / 4P
Package with screw terminals Glass passivated chips
3QL100AK-22 LRC-3QL100AK-22 Datasheet
463Kb / 4P
Package with screw terminals Glass passivated chips
3QL100AK-30 LRC-3QL100AK-30 Datasheet
386Kb / 4P
Package with screw terminals Glass passivated chips
3QL150AK LRC-3QL150AK Datasheet
396Kb / 4P
Package with screw terminals Glass passivated chips
3QL50AS-22 LRC-3QL50AS-22 Datasheet
454Kb / 4P
Package with screw terminals Isolation voltage 3000 V
3QL60AS-30 LRC-3QL60AS-30 Datasheet
331Kb / 4P
Package with screw terminals Isolation voltage 3000 V
3QL75AS-30 LRC-3QL75AS-30 Datasheet
405Kb / 4P
Package with screw terminals Isolation voltage 3000 V
3QL200AS LRC-3QL200AS Datasheet
365Kb / 4P
Package with screw terminals Isolation voltage 3000 V
3QL60AK-30 LRC-3QL60AK-30 Datasheet
331Kb / 4P
Isolation voltage 3000 V~
3QL75AK-30 LRC-3QL75AK-30 Datasheet
405Kb / 4P
Isolation voltage 3000 V~
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com