Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4150 Datasheet(PDF) 1 Page - CML Microcircuits

Part # 4150
Description  4150,4150R and 4150L Series Relampable Socket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

4150 Datasheet(HTML) 1 Page - CML Microcircuits

  4150 Datasheet HTML 1Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4150,4150R and 4150L Series Relampable Socket
DESCRIP TION A ND FE A T URES
All dimens ions
in inc he s .
Mounting: Snap-on edge or center
Mounting pa tte rn on pa ge S P 1.
Terminals: Tinned brass
Housing: White nylon
Lamp: T-1 3/4 Wedge base
Note: Lamps must be ordered separately.
SO C K ET N O .
LI G H T S H IE L D
4150L
4150R
4150
LE F T H A N D
RI G H T H A N D
(
AS S H O W N )
NO NE
.110
.020
.770
.220
.280
.570± . 040
FI L A ME NT
CL
.060
.220
.390
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 4150

ManufacturerPart #DatasheetDescription
logo
Powerbox
4150 POWERBOX-4150 Datasheet
353Kb / 1P
10W - 33KV SINGLEOUTPUT DC / DC INDUSTRIAL
logo
Heyco.
4150 HEYCO-4150 Datasheet
109Kb / 1P
Nylon Wire Harness Clamps
logo
Carclo Technical Plasti...
4150 COIL-4150 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
Adafruit Industries
4150 ADAFRUIT-4150 Datasheet
691Kb / 2P
Break-away 0.1" 36-pin strip male header - Blue - 10 pack
4-26-19
logo
Heyco.
4150-P HEYCO-4150-P Datasheet
109Kb / 1P
Nylon Wire Harness Clamps
More results

Similar Description - 4150

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4105 VCC-4105 Datasheet
90Kb / 1P
Relampable Socket
4106 VCC-4106 Datasheet
98Kb / 1P
Relampable Socket
4107 VCC-4107 Datasheet
94Kb / 1P
Relampable Socket
4110 VCC-4110 Datasheet
94Kb / 1P
Relampable Socket
4111 VCC-4111 Datasheet
93Kb / 1P
Relampable Socket
4120 VCC-4120 Datasheet
93Kb / 1P
Relampable Socket
4140 VCC-4140 Datasheet
75Kb / 1P
Relampable Socket
4141 VCC-4141 Datasheet
94Kb / 1P
Series Relampable Socket
4144 VCC-4144 Datasheet
78Kb / 1P
Relampable Socket
4151 VCC-4151 Datasheet
76Kb / 1P
Relampable Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com