Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C880 Datasheet(PDF) 1 Page - EPCOS

Part # C880
Description  PTC thermistors for overcurrent protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C880 Datasheet(HTML) 1 Page - EPCOS

  C880 Datasheet HTML 1Page - EPCOS C880 Datasheet HTML 2Page - EPCOS C880 Datasheet HTML 3Page - EPCOS C880 Datasheet HTML 4Page - EPCOS C880 Datasheet HTML 5Page - EPCOS C880 Datasheet HTML 6Page - EPCOS C880 Datasheet HTML 7Page - EPCOS C880 Datasheet HTML 8Page - EPCOS C880 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PTC thermistors for
overcurrent protection
Leaded disks, coated, 230 V
Series/Type:
B598**
Date:
February 2012
© EPCOS AG 2012. Reproduction, publication and dissemination of this publication, enclosures hereto and the
information contained therein without EPCOS' prior express consent is prohibited.


Similar Part No. - C880

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C8800 HAMAMATSU-C8800 Datasheet
108Kb / 2P
1k 횞 1k, 30Hz Digital CCD Camera
More results

Similar Description - C880

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
PTC thermistors for overcurrent protection
B59404B0060A040 EPCOS-B59404B0060A040_09 Datasheet
268Kb / 10P
PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
PTC thermistors for overcurrent protection
B59830C0160A070 EPCOS-B59830C0160A070_09 Datasheet
310Kb / 10P
PTC thermistors for overcurrent protection
B59910C0130A070 EPCOS-B59910C0130A070_09 Datasheet
600Kb / 15P
PTC thermistors for overcurrent protection
B59935C0160A070 EPCOS-B59935C0160A070 Datasheet
307Kb / 10P
PTC thermistors for overcurrent protection
B59995C120A70 EPCOS-B59995C120A70 Datasheet
305Kb / 10P
PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com