Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M73TC Datasheet(PDF) 1 Page - API Technologies Corp

Part # M73TC
Description  Double Balanced Mixer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

M73TC Datasheet(HTML) 1 Page - API Technologies Corp

  M73TC Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Double Balanced Mixer
RF Band
Model M73TC
RF 0.8 to 2.4 GHz
RF (GHz)
0.8-2.4
0.8-2.4
0.8-2.4
0.8-2.4
LO (GHz)
0.8-3.5
0.8-2.0
2.0-3.5
0.8-3.5
0.8-3.5
0.8-3.5
0.8-3.5
0.8-3.5
IF (MHz)
DC-1.5
DC-1.5
DC-1.5
DC-1.5
Min
25 dB
20 dB
18 dB
Max
10.5 dB
Conditions
Electrical Specifications (1):
Parameter
SSB Conversion loss:(2)
Isolation
LO to RF:
LO to IF:
Input 1 dB
Compression Point:
Desensitization Point:
(RF2 @ -1 dBm)
Input Third Order
Intercept Point:
LO Power: (3)
Notes:
1. Specifications are guaranteed when tested as a downconverter in a 50 Ohm system at +25˚C with +7dBm LO
power.
Specifications indicated as typical are not guaranteed.
2. SSB Noise figure is nominally within ±0.5 dB of the SSB conversion loss for IF frequencies greater than 10 MHz.
3. Usable LO drives are up to 2 dB below and 3 dB above nominal.
All dimensions are in inches and [mm].
Typical Performance
at 25˚C
Outline: TC
M73TC
Typical
9.0 dB
36 dB
30 dB
21 dB
+0 dBm
+1.0 dBm
+10 dBm
+7 dBm
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, FL 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, PA 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Specifications
Rev.
1/27/09


Similar Part No. - M73TC

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
M73T SPECTRUM-M73T Datasheet
927Kb / 1P
Double Balanced Mixer
logo
API Technologies Corp
M73T APITECH-M73T Datasheet
899Kb / 1P
Double Balanced Mixer
More results

Similar Description - M73TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com