Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFM205 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # FFM205
Description  Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FFM205 Datasheet(HTML) 2 Page - Leshan Radio Company

  FFM205 Datasheet HTML 1Page - Leshan Radio Company FFM205 Datasheet HTML 2Page - Leshan Radio Company FFM205 Datasheet HTML 3Page - Leshan Radio Company FFM205 Datasheet HTML 4Page - Leshan Radio Company FFM205 Datasheet HTML 5Page - Leshan Radio Company FFM205 Datasheet HTML 6Page - Leshan Radio Company FFM205 Datasheet HTML 7Page - Leshan Radio Company FFM205 Datasheet HTML 8Page - Leshan Radio Company FFM205 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2.Ratings and Characteristic Curves ( TA = 25°C unless otherwise noted )
FFM201 thru FFM207P
Fig. 1 – Forward Current Derating Curve
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
Fig 4. – Typical Reverse Characteristics
Fig 3. – Typical Instantaneous Forward
Characteristics
Fig 5. –typical transient thermal
impedance
Fig 6. – Typical Junction Capacitance
0
25
50
75
100 125
150 175
1
10
100
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
0.1
1
10
20
10
1.0
100
10
1.0
0.1
0.01
10
1.0
0.1
0.01
100
2.0
1.0
0
100
80
60
40
20
0
60 Hz
Resistive or
Inductive Load
0.375" (9.5mm) Lead Length
TJ = TJ max
8.3ms Single Half Sine-wave
(JEDEC Method)
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
Ambient Temperature, °C
Number of Cycles at 60Hz
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (V)
Tj=125℃
Tj=25℃
10
1.0
0.1
100
0.01
0.1
1.0
10
100
t,Pulse duration,sec



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com