Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP9019 Datasheet(PDF) 1 Page - API Technologies Corp

Part # FP9019
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FP9019 Datasheet(HTML) 1 Page - API Technologies Corp

  FP9019 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ....... +56 dBm (Typ.)
Second Order Two Tone Intercept Point ........ +50 dBm (Typ.)
Third Order Two Tone Intercept Point ............ +36 dBm (Typ.)
Power
Vdc
+15
+15
m A
145
160 Max.
RF AMPLIFIER
MODEL
TM9019
Available as:
TM9019, 4 Pin TO-8 (T4)
TN9019, 4 Pin Surface Mount (SM3)
FP9019, 4 Pin Flatpack (FP4)
BX9019, Connectorized Housing (H1)
Features
!
!
!
!
! High Gain: +28 dB Typical
!
!
!
!
! Low Noise Figure: 2.5 dB Typical
!
!
!
!
! Operating Temp. - 55 ºC to +85 ºC
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
10 - 800 MHz
10 - 800 MHz
Note: Measured in a 50-Ohm system at +15 Vdc unless otherwise specified.
Noise Figure (dB)
2.5
4.5 Max.
VSWR
In
1.5:1
2.0:1 Max.
Out
1.8:1
2.0:1 Max.
Reverse
Isolation (dB)
-38
-35
Power @ 1 dB
Comp. (dBm)
+25
+23.0 Min.
Gain (dB)
28
26 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +17 Volts
Continuous RF Input Power .................................. +13 dBm
Short Term RF Input Power ..... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Rev.
10/18/07
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - FP9019

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP90 ETC2-FP90 Datasheet
265Kb / 2P
fan filter assemblies - PMFA T Series
logo
Omega Engineering, Inc.
FP90-4X OMEGA-FP90-4X Datasheet
554Kb / 2P
Dual Channel Conductivity/Resistivity Controller
logo
API Technologies Corp
FP9054 APITECH-FP9054 Datasheet
109Kb / 1P
RF AMPLIFIER MODEL
logo
Omega Engineering, Inc.
FP90RC OMEGA-FP90RC Datasheet
554Kb / 2P
Dual Channel Conductivity/Resistivity Controller
More results

Similar Description - FP9019

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com