Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP7347PM Datasheet(PDF) 1 Page - API Technologies Corp

Part # FP7347PM
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FP7347PM Datasheet(HTML) 1 Page - API Technologies Corp

  FP7347PM Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power
Vdc
+15
+15
m A
45
50
Max.
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point ....... +50 dBm (Typ.)
Second Order Two Tone Intercept Point ........ +44 dBm (Typ.)
Third Order Two Tone Intercept Point ............ +32 dBm (Typ.)
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
RF AMPLIFIER
MODEL
TM7347PM
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
5-300 MHz
5-300 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
2
3
Max.
VSWR
In
<1.5:1
1.7:1 Max.
Out
<1.5:1
1.5:1 Max.
Reverse
Isolation (dB)
-22
-21 Max.
Power @ 1 dB
Comp. (dBm)
16
15
Min.
Gain (dB)
13.5
12.5 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +18 Volts
Continuous RF Input Power .................................. +13 dBm
Short Term RF Input Power .... 100 Milliwatts (1 Minute Max.)
Maximum Peak Power ..................... 0.2 Watt (3
µsec Max)
Features
! Supeior Phase Noise Performance
! Low Noise Figure: 2 dB Typical
! Operating Temp. - 55 ºC to +85 ºC
! Environmental Screening Available
Available as: TM7347PM, 4 Pin TO-8 (T4)
TN7347PM, 4 Pin Surface Mount (SM3)
FP7347PM, 4 Pin Flatpack (FP4)
BX7347PM, Connectorized Housing (H1)
Frequency
Typical
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
Guarantee
-156
-170
-172
-172
-160
-173
-175
-175
-175
-172
Guaranteed Phase Noise Performance (dBc/Hz)
Phase Noise (dBc/Hz)
3/31/04
Gain (dB)
Reverse Isolation (dB)
1 dB Comression (dBm)
Noise Figure (dB)
Input VSWR
Output VSWR
2.0
1.5
1.0
2.0
1.5
1.0
0
4
2
15
13
11
+18
+17
+16
+15
+14
0
- 10
-20
- 30
-40
Start 5 MHz
Stop 300 MHz
Start 5 MHz
Stop 300 MHz
Start 5 MHz
Stop 300 MHz
Start 5 MHz
Stop 300 MHz
Start 5 MHz
Stop 300 MHz
Start 5 MHz
Stop 300 MHz
12
14
1
3
10k
1k
100k
100
1M
-140
-150
-160
-170
-180
*
-130
_________Guarantee __ __ __ __Typical
-190
Residual Phase Noise Test Conditions
Carrier Frequency: 200 MHz
Power Output: +15 dBm
Temperature: 25 C
Agilent ES5500 System
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - FP7347PM

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP7347 APITECH-FP7347 Datasheet
43Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - FP7347PM

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com