Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP7347 Datasheet(PDF) 1 Page - API Technologies Corp

Part # FP7347
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FP7347 Datasheet(HTML) 1 Page - API Technologies Corp

  FP7347 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power
Vdc
+15
+15 Min.
mA
45
50 Max.
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point........+50 dBm (Typ.)
Second Order Two Tone Intercept Point.........+44 dBm (Typ.)
Third Order Two Tone Intercept Point.............+32 dBm (Typ.)
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
RF AMPLIFIER
MODEL TM7347
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
5 - 300 MHz
5 - 300 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
2.1
3.1 Max.
VSWR
In
1.5:1
1.7:1 Max.
Out
1.5:1
1.5:1 Max.
Reverse
Isolation (dB)
-22
-21 Max.
Power @ 1 dB
Comp. (dBm)
+16.0
15.0 Min.
Gain (dB)
13.5
12.5 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power .................................. +13 dBm
Short Term RF Input Power .... 100 Milliwatts (1 Minute Max.)
Maximum Peak Power ..................... 0.2 Watt (3
µsec Max)
Features
! Low Noise Figure: 2.1 dB Typical
! Output Power : +16 dBm Typical
! Operating Temp. - 55 ºC to +85 ºC
! Environmental Screening Available
Available as:
TM7347, 4 Pin TO-8 (T4)
TN7347, 4 Pin Surface Mount (SM3)
FP7347, 4 Pin Flatpack (FP4)
BX7347, Connectorized Housing (H1)
Linear S-Parameters
FREQ.
– – – – S11– – – –
– – – – S21– – – –
– – – – S12– – –
– – – – S22– – – –
MHz
Deg
Mag
Deg
Mag
Deg
Mag
Deg
Mag
=========================================================================================================
.19
.10
.09
.08
.07
.07
.11
.16
-98
-150
-168
-173
-162
-141
-135
-141
4.72
4.92
4.92
4.93
4.92
4.93
4.93
4.88
.076
.076
.077
.077
.077
.077
.076
.077
-158
178
171
157
145
129
117
107
-27
-18
- 9
- 7
-13
-13
24
55
-159
179
170
156
142
129
116
102
5
20
50
100
150
200
250
300
.09
.06
.05
.04
.03
.03
.02
.03
6/19/07
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Gain (dB)
1 dB Comp. (dBm)
Reverse Isolation (dB)
Input VSWR
Noise Figure (dB)
Output VSWR
2.0
1.5
1.0
2.0
1.5
1.0
1
5
3
15
13
11
+18
+17
+16
+15
+14
0
- 10
- 20
- 30
- 40
Start 5 MHz
Stop 300 MHz
Start 5 MHz
Stop 300 MHz
Start 5 MHz
Stop 300 MHz
Start 5 MHz
Stop 300 MHz
Start 5 MHz
Stop 300 MHz
Start 5 MHz
Stop 300 MHz
12
14
2
4


Similar Part No. - FP7347

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP7347PM APITECH-FP7347PM Datasheet
75Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - FP7347

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com