Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP7310PM Datasheet(PDF) 1 Page - API Technologies Corp

Part # FP7310PM
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FP7310PM Datasheet(HTML) 1 Page - API Technologies Corp

  FP7310PM Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
10 - 200 MHz
30 - 200 MHz
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point ....... +61 dBm (Typ.)
Second Order Two Tone Intercept Point ........ +55 dBm (Typ.)
Third Order Two Tone Intercept Point ............ +40 dBm (Typ.)
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
Power
Vdc
+10
+10
mA
38
40 Max.
RF AMPLIFIER
MODEL TM7310PM
Available as:
TM7310PM, 4 Pin TO-8 (T4)
TN7310PM, 4 Pin Surface Mount (SM3)
FP7310PM, 4 Pin Flatpack (FP4)
BX7310PM, Connectorized Housing (H1)
Features
Superior Phase Noise Performance
Low Noise Figure: 1.8 dB Typical
High Output Power: +20 dBm Typical
Operating Temp. -55 ºC to +85 ºC
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
1.8
3.0 Max.
VSWR
In
<1.75:1
2.0:1 Max.
Out
<1.35:1
2.0:1 Max.
Reverse
Isolation (dB)
-12
-11 Max.
Power @ 1 dB
Comp. (dBm)
+20
+19 Min.
Gain (dB)
8.5
7.5 Min.
Specifications
Typical Performance Data
Rev.
6/11/10
Phase Noise (dBc/Hz)
2.0
1.5
1.0
2.0
1.5
1.0
1
3
2
10
8
6
+23
0
-5
-10
-15
-20
Start 30 MHz
Stop 200 MHz
Start 30 MHz
Stop 200 MHz
Start 30 MHz
Stop 200 MHz
Start 30 MHz
Stop 200 MHz
Start 30 MHz
Stop 200 MHz
Start 30 MHz
Stop 200 MHz
7
9
+21
+20
+19
+22
Gain (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Reverse Isolation (dB)
10K
1K
100K
100
1M
-140
-150
-160
-170
-180
-130
_________Guarantee __ __ __ __Typical
-190
Phase Noise Test Conditions:
Carrier Frequency: 100 MHz
Power Output: +20 dBm
Temperature: 25 ºC
Agilent ES5500 System
Frequency
Typical
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
Guarantee (Min.)
-168
-174
-177
-175
-172
-178
-180
-181
-179
-176
Guaranteed Phase Noise Performance (dBc/Hz)
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature.................-55ºC to +100 ºC
Storage Temperature.................................-62ºC to +125 ºC
Case Temperature..................................................+125 ºC
DC Voltage..........................................................+13 Volts
Continuous RF Input Power...................................+15 dBm
Short Term RF Input Power...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power.................... 0.5 Watt (3
µsec Max.)
Thermal Resistance (Theta J C) ....................... 81 ºC/Watt
Junction Temperature Rise Above the Case Temp........+24ºC
Maximum Operating Junction Temperature...............+109ºC
Maximum Junction Temperature of Die.....................+205ºC
MTBF Calculation for Ground Benign Environment
@ 25 ºC .................................................4,067,101.04 hrs


Similar Part No. - FP7310PM

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
FP7300BB KNIGHTSBRIDGE-FP7300BB Datasheet
300Kb / 1P
Telephone Master Outlet - Brushed Brass
15/04/2024
FP7300GM KNIGHTSBRIDGE-FP7300GM Datasheet
197Kb / 1P
Telephone Master Outlet - Gunmetal
12/04/2024
FP7300PB KNIGHTSBRIDGE-FP7300PB Datasheet
216Kb / 1P
Telephone Master Outlet - Polished Brass
16/04/2024
FP7300PL KNIGHTSBRIDGE-FP7300PL Datasheet
229Kb / 1P
Telephone Master Outlet - Pearl
15/04/2024
logo
API Technologies Corp
FP7347 APITECH-FP7347 Datasheet
43Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - FP7310PM

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com