Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS162 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 74LS162
Description  BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS162 Datasheet(HTML) 1 Page - Motorola, Inc

  74LS162 Datasheet HTML 1Page - Motorola, Inc 74LS162 Datasheet HTML 2Page - Motorola, Inc 74LS162 Datasheet HTML 3Page - Motorola, Inc 74LS162 Datasheet HTML 4Page - Motorola, Inc 74LS162 Datasheet HTML 5Page - Motorola, Inc 74LS162 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5-278
FAST AND LS TTL DATA
BCD DECADE COUNTERS/
4-BIT BINARY COUNTERS
The LS160A / 161A / 162A / 163A are high-speed 4-bit synchronous count-
ers. They are edge-triggered, synchronously presettable, and cascadable
MSI building blocks for counting, memory addressing, frequency division and
other applications. The LS160A and LS162A count modulo 10 (BCD). The
LS161A and LS163A count modulo 16 (binary.)
The LS160A and LS161A have an asynchronous Master Reset (Clear)
input that overrides, and is independent of, the clock and all other control
inputs. The LS162A and LS163A have a Synchronous Reset (Clear) input that
overrides all other control inputs, but is active only during the rising clock
edge.
BCD (Modulo 10)
Binary (Modulo 16)
Asynchronous Reset
LS160A
LS161A
Synchronous Reset
LS162A
LS163A
• Synchronous Counting and Loading
• Two Count Enable Inputs for High Speed Synchronous Expansion
• Terminal Count Fully Decoded
• Edge-Triggered Operation
• Typical Count Rate of 35 MHz
• ESD > 3500 Volts
CONNECTION DIAGRAM DIP (TOP VIEW)
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
*R
TC
Q0
Q1
Q2
CET
Q3
PE
CP
P0
P1
P2
P3
CEP GND
*MR for LS160A and LS161A
*SR for LS162A and LS163A
PIN NAMES
LOADING (Note a)
HIGH
LOW
PE
P0 – P3
CEP
CET
CP
MR
SR
Q0 – Q3
TC
Parallel Enable (Active LOW) Input
Parallel Inputs
Count Enable Parallel Input
Count Enable Trickle Input
Clock (Active HIGH Going Edge) Input
Master Reset (Active LOW) Input
Synchronous Reset (Active LOW) Input
Parallel Outputs (Note b)
Terminal Count Output (Note b)
1.0 U.L.
0.5 U.L.
0.5 U.L.
1.0 U.L.
0.5 U.L.
0.5 U.L.
1.0 U.L.
10 U.L.
10 U.L.
0.5 U.L.
0.25 U.L.
0.25 U.L.
0.5 U.L.
0.25 U.L.
0.25 U.L.
0.5 U.L.
5 (2.5) U.L.
5 (2.5) U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74)
Temperature Ranges.
SN54/74LS160A
SN54/74LS161A
SN54/74LS162A
SN54/74LS163A
BCD DECADE COUNTERS/
4-BIT BINARY COUNTERS
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
9 3 4
5 6
7
10
2
15
1 14 13 12 11
PE P0 P1 P2 P3
CEP
CET
CP
*R Q0 Q1 Q2 Q3
TC
*MR for LS160A and LS161A
*SR for LS162A and LS163A


Similar Part No. - 74LS162

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LS162 TI-74LS162 Datasheet
756Kb / 23P
SYNCHRONOUS 4-BIT COUNTERS
logo
Hitachi Semiconductor
74LS162 HITACHI-74LS162 Datasheet
114Kb / 7P
Synchronous Decade Counters(synchronous clear)
logo
Texas Instruments
74LS162A TI-74LS162A Datasheet
756Kb / 23P
SYNCHRONOUS 4-BIT COUNTERS
logo
Hitachi Semiconductor
74LS162A HITACHI-74LS162A Datasheet
114Kb / 7P
Synchronous Decade Counters(synchronous clear)
More results

Similar Description - 74LS162

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
ON Semiconductor
SN54-74LS160A ONSEMI-SN54-74LS160A Datasheet
79Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
SN54290 TI-SN54290 Datasheet
297Kb / 8P
DECADE AND 4-BIT BINARY COUNTERS
SN54390 TI-SN54390 Datasheet
893Kb / 21P
DUAL 4-BIT DECADE AND BINARY COUNTERS
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
SN54ALS161B TI-SN54ALS161B_08 Datasheet
922Kb / 27P
SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
logo
ON Semiconductor
SN74LS161A ONSEMI-SN74LS161A Datasheet
205Kb / 8P
BCD Decade Counters 4?묪it Binary Counters
July, 2006 ??Rev. 2
logo
Texas Instruments
SN54290 TI1-SN54290_09 Datasheet
527Kb / 10P
DECADE AND 4-BIT BINARY COUNTERS
SN54HC160 TI1-SN54HC160_12 Datasheet
626Kb / 17P
SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54390 TI1-SN54390_15 Datasheet
1Mb / 28P
DUAL 4-BIT DECADE AND BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com