Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC603PI Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # STC603PI
Description  NPN Silicon Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STC603PI Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  STC603PI Datasheet HTML 1Page - KODENSHI_AUK CORP. STC603PI Datasheet HTML 2Page - KODENSHI_AUK CORP. STC603PI Datasheet HTML 3Page - KODENSHI_AUK CORP. STC603PI Datasheet HTML 4Page - KODENSHI_AUK CORP. STC603PI Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-T0O114-000
2
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-emitter breakdown voltage
BVCEO
IC=50mA, IB=0
60
-
-
V
Collector cut-off current
ICBO
VCB=60V, IE=0
-
-
50
μA
Emitter cut-off current
IEBO
VEB=5V, IC=0
-
-
50
μA
DC current gain
hFE *
VCE=5V, IC=0.5A
200
-
400
-
Base-emitter on voltage
VBE(ON)
VCE=5V, IC=0.5A
-
0.7
1
V
Collector-emitter saturation voltage
VCE(sat)
IC=2A, IB=0.2A
-
0.4
1
V
Transition frequency
fT
VCB=5V, IC=0.5A
-
30
-
MH
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
20
-
pF
Switching
Time
Turn-on Time
Ton
-
0.65
-
㎲
Storage Time
Tstg
-
1.3
-
Fall Time
Tf
-
0.65
-
* hFE rank : 200~400 Only
STC603PI



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com