Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM7189 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM7189
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM7189 Datasheet(HTML) 1 Page - API Technologies Corp

  TM7189 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
10 - 350 MHz
10 - 250 MHz
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point....... +52 dBm (Typ.)
Second Order Two Tone Intercept Point........ +46 dBm (Typ.)
Third Order Two Tone Intercept Point............ +36 dBm (Typ.)
Legend
+25 ºC
Power
Vdc
+15
+15 Min.
mA
60
70 Max.
RF AMPLIFIER
MODEL
TM7189
Available as:
TM7189, 4 Pin TO-8 (T4)
TN7189, 4 Pin Surface Mount (SM3)
FP7189, 4 Pin Flatpack (FP4)
BX7189, Connectorized Housing (H1)
Features
 Low Noise Figure: 3.8 dB Typical
 High Output Power: +23 dBm Typical
 Operating Temp. -55 ºC
to +85 ºC
 Environmental ScreeningAvailable
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
3.8
4.8 Max.
VSWR
In
1.7:1
2.0:1 Max.
Out
1.7:1
2.0:1 Max.
Power @ 1 dB
Comp. (dBm)
+23
+21.5 Min.
Gain (dB)
24.5
22.5 Min.
Specifications
Typical Performance Data
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage ......................................................... + 19 Volts
Continuous RF Input Power ................................. + 10 dBm
Short Term RF Input Power .... 100 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
μsec Max.)
Revision 8/18/11
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Gain Flatness (dB)
+0.5
+0.8 Max.
21
19
17
25
23
Input VSWR
Output VSWR
Reverse Isolation (dB)
Gain (dB)
Noise (dB)
1 dB Comp. (dBm)
26.0
24.0
22.0
6.0
5.0
4.0
3.0
2.0
Start 10 MHz
Stop 350 MHz
Start 10 MHz
Stop 350 MHz
Start 10 MHz
Stop 350 MHz
23.0
25.0
-31
-30
-29
-28
2.0
1.5
1.0
2.0
1.5
1.0
-27
Start 10 MHz
Stop 350 MHz
Start 10 MHz
Stop 350 MHz
Start 10 MHz
Stop 350 MHz


Similar Part No. - TM7189

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM7101 SPECTRUM-TM7101 Datasheet
74Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
TM7101 APITECH-TM7101 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM7101PM APITECH-TM7101PM Datasheet
68Kb / 1P
RF AMPLIFIER MODEL
logo
Spectrum Microwave, Inc...
TM7102 SPECTRUM-TM7102 Datasheet
64Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
TM7102 APITECH-TM7102 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - TM7189

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com