Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP7101 Datasheet(PDF) 1 Page - API Technologies Corp

Part # FP7101
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FP7101 Datasheet(HTML) 1 Page - API Technologies Corp

  FP7101 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
10-150 MHz
10-150 MHz
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point........ +41dBm (Typ.)
Second Order Two Tone Intercept Point........ +35 dBm (Typ.)
Third Order Two Tone Intercept Point............ +30 dBm (Typ.)
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
Power
Vdc
+15
+15 Min.
m A
20
23 Max.
RF AMPLIFIER
MODEL
TM7101
Available as:
TM7101, 4 Pin TO-8 (T4)
TN7101, 4 Pin Surface Mount (SM3)
FP7101, 4 Pin Flatpack (FP4)
BX7101,Connectorized Housing (H1)
Features
!
!
!
!
! Low Noise Figure: 1.8 dB Typical
!
!
!
!
! High Gain: 27.5 dB Typical
!
!
!
!
! Operating Temp. -55 ºC to +85 ºC
!
!
!
!
! Environmental ScreeningAvailable
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
1.8
2.5 Max.
VSWR
In
<1.5:1
2.0:1 Max.
Out
<1.25:1
2.0:1 Max.
Reverse
Isolation (dB)
-31.5
-30 Max.
Power @ 1 dB
Comp. (dBm)
+16.5
+15.0 Min.
Gain (dB)
27.5
26.0 Min.
Specifications
Typical Performance Data
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +18 Volts
Continuous RF Input Power .................................. +13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power ................... 0.5 Watt (3
µsec Max.)
Rev.
8/20/09
2.0
1.5
1.0
2.0
1.5
1.0
1
3
2
29
27
25
+18
+17
+16
+15
+14
0
- 10
- 20
- 30
- 40
28
26
Start 10 MHz
Stop 150 MHz
Start 10 MHz
Stop 150 MHz
Start 10 MHz
Stop 150 MHz
Start 10 MHz
Stop 150 MHz
Start 10 MHz
Stop 150 MHz
Start 10 MHz
Stop 150 MHz
Gain (dB)
1 dB Comp. (dBm)
Input VSWR
Reverse Isolation (dB)
Noise Figure (dB)
Output VSWR
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - FP7101

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP7102 APITECH-FP7102 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
logo
Feeling Technology Corp...
FP7102 FEELING-FP7102 Datasheet
394Kb / 12P
28V, 2A Buck Constant Current Switching Regulator for White LED
FP7102DR-LF FEELING-FP7102DR-LF Datasheet
394Kb / 12P
28V, 2A Buck Constant Current Switching Regulator for White LED
FP7102XR-LF FEELING-FP7102XR-LF Datasheet
394Kb / 12P
28V, 2A Buck Constant Current Switching Regulator for White LED
logo
API Technologies Corp
FP7103 APITECH-FP7103 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - FP7101

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com