Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02S Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF02S
Description  5V Precision VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF02S Datasheet(HTML) 2 Page - Burr-Brown (TI)

  REF02S Datasheet HTML 1Page - Burr-Brown (TI) REF02S Datasheet HTML 2Page - Burr-Brown (TI) REF02S Datasheet HTML 3Page - Burr-Brown (TI) REF02S Datasheet HTML 4Page - Burr-Brown (TI) REF02S Datasheet HTML 5Page - Burr-Brown (TI) REF02S Datasheet HTML 6Page - Burr-Brown (TI) REF02S Datasheet HTML 7Page - Burr-Brown (TI) REF02S Datasheet HTML 8Page - Burr-Brown (TI) REF02S Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REF02
2
SBVS003B
www.ti.com
SPECIFICATIONS
ELECTRICAL
At TA = +25°C and VIN = +15V power supply, unless otherwise noted.
REF02A
REF02B
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
ILOAD = 0mA
4.985
5.0
5.015
4.990
✻
5.010
V
Change with Temperature(1, 2) (
∆V
OT)
–40
°C to +85°C
0.05
0.19
0.05
0.13
%
OUTPUT VOLTAGE DRIFT(3)
–40
°C to +85°C (TCV
O)4
15
4
10
±ppm/°C
LONG-TERM STABILITY
2000h Test
First 1000h
100
100
±ppm
Second 1000h
50
50
±ppm
OUTPUT ADJUSTMENT
RANGE
RPOT = 10kΩ(6)
±3
±6
✻✻
%
CHANGE IN VO TEMP
COEFFICIENT WITH
OUTPUT ADJUSTMENT
(–55
°C to +125°C)
RPOT = 10kΩ
0.7
✻
ppm/%
OUTPUT VOLTAGE NOISE
0.1Hz to 10Hz(5)
410
✻✻
µV
PP
LINE REGULATION(4)
VIN = 8V to 33V
0.006
0.010
✻✻
%/V
–40
°C to +85°CV
IN = 8.5V to 33V
0.008
0.012
✻✻
LOAD REGULATION(4)
IL = 0mA to +10mA
0.005
0.010
✻
0.008
%/mA
–40
°C to +85°CI
L = 0mA to +10mA
0.007
0.012
✻
0.010
TURN-ON SETTLING TIME
To
±0.1%
5
✻
µs
of Final Value
QUIESCENT CURRENT
No Load
1.0
1.4
✻✻
mA
LOAD CURRENT (SOURCE)
10
21
✻✻
mA
LOAD CURRENT (SINK)
–0.3
–0.5
✻✻
mA
SHORT-CIRCUIT CURRENT
VOUT = 0
30
✻
mA
POWER DISSIPATION
No Load
15
21
✻✻
mW
TEMPERATURE VOLTAGE
OUTPUT(7)
630
✻
mV
TEMPERATURE COEFFICIENT
of Temperature Pin Voltage
–55
°C to +125°C
2.1
mV/
°C
TEMPERATURE RANGE
Specification
REF02A, B, C
–40
+85
✻✻
°C
NOTES: (1)
∆V
OT is defined as the absolute difference between the maximum output and the minimum output voltage over the specified temperature range expressed
as a percentage of 5V:
∆V
VV
V
O
MAX
MIN
=
−
×
5
100
(2)
∆V
OT specification applies trimmed to +5.000V or untrimmed.
(3) TCVO is defined as ∆VOT divided by the temperature range.
(4) Line and load regulation specifications include the effect of self heating.
(5) Sample tested.
(6) 10k
Ω potentiometer connected between V
OUT and ground with wiper connected to Trim pin. See figure on page 1.
(7) Pin 3 is insensitive to capacitive loading. The temperature voltage will be modified by 7mV for each
µA of loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com