Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFU725FN1-115 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BFU725FN1-115
Description  NPN silicon germanium microwave transistor for high speed, low noise applications in a plastic, 4-pin dual-emitter SOT343F package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFU725FN1-115 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BFU725FN1-115 Datasheet HTML 3Page - NXP Semiconductors BFU725FN1-115 Datasheet HTML 4Page - NXP Semiconductors BFU725FN1-115 Datasheet HTML 5Page - NXP Semiconductors BFU725FN1-115 Datasheet HTML 6Page - NXP Semiconductors BFU725FN1-115 Datasheet HTML 7Page - NXP Semiconductors BFU725FN1-115 Datasheet HTML 8Page - NXP Semiconductors BFU725FN1-115 Datasheet HTML 9Page - NXP Semiconductors BFU725FN1-115 Datasheet HTML 10Page - NXP Semiconductors BFU725FN1-115 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
BFU725F_N1_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 13 July 2009
7 of 11
NXP Semiconductors
BFU725F/N1
NPN wideband silicon germanium RF transistor
VCE =2V; IC = 5 mA; Tamb =25 °C.
VCE =2V; IC = 25 mA; Tamb =25 °C.
Fig 7.
Gain as a function of frequency; typical values
Fig 8.
Gain as a function of frequency; typical values
VCE =2V; Tamb =25 °C.
(1) f = 12 GHz
(2) f = 5.8 GHz
(3) f = 2.4 GHz
(4) f = 1.8 GHz
(5) f = 1.5 GHz
VCE =2V; Tamb =25 °C.
(1) IC =25mA
(2) IC =5mA
Fig 9.
Minimum noise figure as a function of
collector current; typical values
Fig 10. Minimum noise figure as a function of
frequency; typical values
001aah430
20
30
10
40
50
G
(dB)
0
f (GHz)
10−2
102
10
10−1
1
MSG
IS21I2
MSG
Gp(max)
001aah431
20
30
10
40
50
G
(dB)
0
f (GHz)
10−2
102
10
10−1
1
MSG
MSG
IS21I2
Gp(max)
001aah432
IC (mA)
030
20
10
0.8
1.2
0.4
1.6
2.0
NFmin
(dB)
0
(3)
(4)
(5)
(1)
(2)
f (GHz)
016
12
48
001aah433
0.8
1.2
0.4
1.6
2.0
NFmin
(dB)
0
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com