Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS241 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 74LS241
Description  OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS241 Datasheet(HTML) 2 Page - Motorola, Inc

  74LS241 Datasheet HTML 1Page - Motorola, Inc 74LS241 Datasheet HTML 2Page - Motorola, Inc 74LS241 Datasheet HTML 3Page - Motorola, Inc 74LS241 Datasheet HTML 4Page - Motorola, Inc 74LS241 Datasheet HTML 5Page - Motorola, Inc 74LS241 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5-388
FAST AND LS TTL DATA
SN54/74LS240
• SN54/74LS241 • SN54/74LS244
TRUTH TABLES
SN54 / 74LS240
INPUTS
OUTPUT
1G, 2G
D
OUTPUT
L
L
H
L
H
X
H
L
(Z)
SN54 / 74LS244
INPUTS
OUTPUT
1G, 2G
D
OUTPUT
L
L
H
L
H
X
L
H
(Z)
SN54 / 74LS241
INPUTS
OUTPUT
INPUTS
OUTPUT
1G
D
OUTPUT
2G
D
OUTPUT
L
L
H
L
H
X
L
H
(Z)
H
H
L
L
H
X
L
H
(Z)
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = HIGH Impedance
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
– 3.0
mA
OH
54
74
– 12
– 15
mA
IOL
Output Current — Low
54
74
12
24
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com