Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS260J Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN54LS260J
Description  DUAL 5-INPUT NOR GATE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS260J Datasheet(HTML) 1 Page - Motorola, Inc

  SN54LS260J Datasheet HTML 1Page - Motorola, Inc SN54LS260J Datasheet HTML 2Page - Motorola, Inc SN54LS260J Datasheet HTML 3Page - Motorola, Inc SN54LS260J Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5-439
FAST AND LS TTL DATA
DUAL 5-INPUT NOR GATE
14
13
12
11
10
9
1
2
3
4
5
6
8
7
VCC
GND
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
– 0.4
mA
IOL
Output Current — Low
54
74
4.0
8.0
mA
SN54/74LS260
DUAL 5-INPUT NOR GATE
LOW POWER SCHOTTKY
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
14
1
14
1
14
1
D SUFFIX
SOIC
CASE 751A-02


Similar Part No. - SN54LS260J

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS26 MOTOROLA-SN54LS26 Datasheet
122Kb / 4P
QUAD 2-INPUT NAND BUFFER
logo
Texas Instruments
SN54LS26 TI-SN54LS26 Datasheet
90Kb / 5P
QUADRUPLE 2-INPUT HIGH-VOLTAGE INTERFACE OPSITIVE-NAND GATES
SN54LS26 TI-SN54LS26 Datasheet
415Kb / 7P
QUADRUPLE 2-INPUT HIGH-VOLTAGE INTERFACE POSITIVE-NAND GATES
SN54LS26 TI1-SN54LS26 Datasheet
420Kb / 7P
QUADRUPLE 2-INPUT
SN54LS26 TI2-SN54LS26 Datasheet
661Kb / 16P
QUADRUPLE 2-INPUT HIGH-VOLTAGE INTERFACE POSITIVE-NAND GATES
REVISED MARCH 1988
More results

Similar Description - SN54LS260J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS260 NSC-DM54LS260 Datasheet
124Kb / 6P
Dual 5-Input NOR Gate
logo
ON Semiconductor
MC10109 ONSEMI-MC10109 Datasheet
100Kb / 5P
Dual 4-5-Input OR/NOR Gate
1996 REV 5
MC10H209 ONSEMI-MC10H209 Datasheet
95Kb / 3P
Dual 4-5- Input OR/NOR Gate
1996 REV 5
logo
NXP Semiconductors
74F260 PHILIPS-74F260 Datasheet
68Kb / 8P
Dual 5-input NOR gate
1988 Nov 29
logo
Texas Instruments
SN74F260 TI-SN74F260 Datasheet
44Kb / 3P
DUAL 5-INPUT POSITIVE-NOR GATE
logo
List of Unclassifed Man...
T74LS260B1 ETC-T74LS260B1 Datasheet
106Kb / 3P
DUAL 5 INPUT NOR GATE
logo
National Semiconductor ...
54LS26 NSC-54LS26 Datasheet
52Kb / 2P
Dual 5-Input NOR Gate
logo
Fairchild Semiconductor
11C01 FAIRCHILD-11C01 Datasheet
119Kb / 3P
Dual 5-4 Input OR/NOR Gate
logo
Motorola, Inc
MC1688 MOTOROLA-MC1688 Datasheet
500Kb / 7P
DUAL 4-5-INPUT OR/NOR GATE
logo
Texas Instruments
SN74F260 TI1-SN74F260_14 Datasheet
554Kb / 10P
DUAL 5-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com