Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 2 Page - Bytes

Part # R2000
Description  HIGH VOLTAGE SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

R2000 Datasheet(HTML) 2 Page - Bytes

  R2000 Datasheet HTML 1Page - Bytes R2000 Datasheet HTML 2Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.1
1.0
10
100
RATING AND CHARACTERISTIC CURVES (R1200 THRU R2500)
FIG.2 - TYPICAL REVERSE
CHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80 100 120 140
.01
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
Tj=100 C
Tj=25 C
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
100
0
200
300
400
500
600
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE ( C)
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
70
60
50
40
30
20
10
0
.01
.05
.1
.5
1
5
10
50
100
6
0
12
18
24
30
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
R12
00~
R18
00
R2000~R
2500



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com