Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2500F Datasheet(PDF) 2 Page - Bytes

Part # R2500F
Description  HIGH VOLTAGE FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

R2500F Datasheet(HTML) 2 Page - Bytes

  R2500F Datasheet HTML 1Page - Bytes R2500F Datasheet HTML 2Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.1
1.0
10
100
RATING AND CHARACTERISTIC CURVES (R1200F THRU R2500F)
FIG.1 - TYPICAL REVERSE
CHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80 100 120 140
.01
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
Tj=100 C
Tj=25 C
100
0
200
300
400
500
600
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE ( C)
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
140
120
100
80
60
40
20
0
.01
.05
.1
.5
1
5
10
50
100
R12
00F
~R1
800F
R2000F~
R2500F
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
Ω
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
Ω
Ω
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
6
0
12
18
24
30
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com