Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS28 Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN54LS28
Description  QUAD 2-INPUT NOR BUFFER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS28 Datasheet(HTML) 1 Page - Motorola, Inc

  SN54LS28 Datasheet HTML 1Page - Motorola, Inc SN54LS28 Datasheet HTML 2Page - Motorola, Inc SN54LS28 Datasheet HTML 3Page - Motorola, Inc SN54LS28 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5-75
FAST AND LS TTL DATA
QUAD 2-INPUT NOR BUFFER
14
13
12
11
10
9
1
2
3
4
5
6
VCC
8
7
GND
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
– 1.2
mA
IOL
Output Current — Low
54
74
12
24
mA
SN54/74LS28
QUAD 2-INPUT NOR BUFFER
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
14
1
14
1
ORDERING INFORMATION
SN54LSXXJ
Ceramic
SN74LSXXN
Plastic
SN74LSXXD
SOIC
14
1
D SUFFIX
SOIC
CASE 751A-02


Similar Part No. - SN54LS28

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS28 TI-SN54LS28 Datasheet
152Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS
SN54LS28 TI-SN54LS28 Datasheet
425Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS
SN54LS28 TI2-SN54LS28 Datasheet
410Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS
REVISED MARCH 1988
logo
Motorola, Inc
SN54LS280 MOTOROLA-SN54LS280 Datasheet
164Kb / 4P
9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
logo
Texas Instruments
SN54LS280 TI-SN54LS280 Datasheet
227Kb / 6P
9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
More results

Similar Description - SN54LS28

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS33 MOTOROLA-SN54LS33 Datasheet
124Kb / 4P
QUAD 2-INPUT NOR BUFFER
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
Quad 2-Input NOR Gate
logo
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
Quad 2-Input NOR Gate
1996 REV 5
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
Quad 2-input NOR gate
1990 Oct 04
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
Quad 2-Input NOR Gate
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
Quad 2-Input NOR Gate
DM7402 FAIRCHILD-DM7402 Datasheet
33Kb / 3P
Quad 2-Input NOR Gates
DM74LS28 FAIRCHILD-DM74LS28 Datasheet
31Kb / 3P
Quad 2-Input NOR Buffer
DM74LS33 FAIRCHILD-DM74LS33 Datasheet
45Kb / 4P
Quad 2-Input NOR Buffer with Open-Collector Outputs
logo
National Semiconductor ...
54LS33 NSC-54LS33 Datasheet
49Kb / 2P
QUAD 2-INPUT NOR BUFFER WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com