Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCD6NC70S Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HCD6NC70S
Description  700V N-Channel Super Junction MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCD6NC70S Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HCD6NC70S Datasheet HTML 1Page - SemiHow Co.,Ltd. HCD6NC70S Datasheet HTML 2Page - SemiHow Co.,Ltd. HCD6NC70S Datasheet HTML 3Page - SemiHow Co.,Ltd. HCD6NC70S Datasheet HTML 4Page - SemiHow Co.,Ltd. HCD6NC70S Datasheet HTML 5Page - SemiHow Co.,Ltd. HCD6NC70S Datasheet HTML 6Page - SemiHow Co.,Ltd. HCD6NC70S Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BV
DSS = 700 V
R
DS(on) typ = 1.05
I
D =5.0 A
Originative New Design
Superior Avalanche Rugged Technology
Robust Gate Oxide Technology
Very Low Intrinsic Capacitances
Excellent Switching Characteristics
Unrivalled Gate Charge : 7 nC (Typ.)
Extended Safe Operating Area
Lower R
DS(ON) : 1.05
GS=10V
100% Avalanche Tested
FEATURES
Absolute Maximum Ratings
T
C=25
unless otherwise specified
HCD6NC70S
700V N-Channel Super Junction MOSFET
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
700
V
I
D
Drain Current
– Continuous (T
C = 25
)
5.0
A
Drain Current
– Continuous (T
C = 100
)
3.2
A
I
DM
Drain Current
– Pulsed
(Note 1)
13.0
A
V
GS
Gate-Source Voltage
Static
20
V
AC (f>1 Hz)
30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
25
mJ
I
AR
Avalanche Current
(Note 1)
1.0
A
E
AR
Repetitive Avalanche Energy
(Note 1)
0.1
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
50
V/ns
P
D
Power Dissipation (T
A = 25
)*
2.1
W
Power Dissipation (T
C = 25
)
28
W
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
1.Gate 2. Drain 3. Source
Dec 2013
D-PAK
2
1
3
Thermal Resistance Characteristics
Symbol
Parameter
Typ.
Max.
Units
R
JC
Junction-to-Case
--
4.4
/W
R
JA
Junction-to-Ambient*
--
60.5
T
sold
Soldering temperature, wave soldering
only allowed at leads
--
260
* When mounted on the minimum pad size recommended (PCB Mount)


Similar Part No. - HCD6NC70S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCD6N70S SEMIHOW-HCD6N70S Datasheet
422Kb / 10P
Superior Avalanche Rugged Technology
More results

Similar Description - HCD6NC70S

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCD7NE70S SEMIHOW-HCD7NE70S Datasheet
198Kb / 7P
700V N-Channel Super Junction MOSFET
HCU6N70S SEMIHOW-HCU6N70S Datasheet
199Kb / 7P
700V N-Channel Super Junction MOSFET
HCU7N70S SEMIHOW-HCU7N70S Datasheet
197Kb / 7P
700V N-Channel Super Junction MOSFET
HCU70R600S SEMIHOW-HCU70R600S Datasheet
265Kb / 8P
700V N-Channel Super Junction MOSFET
HCD70R350E SEMIHOW-HCD70R350E Datasheet
246Kb / 8P
700V N-Channel Super Junction MOSFET
HCS70R350E SEMIHOW-HCS70R350E Datasheet
645Kb / 7P
700V N-Channel Super Junction MOSFET
logo
Shenzhen Foster Semicon...
FIR5NS70ABPG FOSTER-FIR5NS70ABPG Datasheet
1Mb / 6P
5.0A,700V N-CHANNEL SUPER-JUNCTION MOSFET
FIR5NS70ALG FOSTER-FIR5NS70ALG Datasheet
1Mb / 6P
5.0A,700V N-CHANNEL SUPER-JUNCTION MOSFET
logo
VBsemi Electronics Co.,...
VBE17R11S VBSEMI-VBE17R11S Datasheet
806Kb / 10P
N-Channel 700V (D-S) Super Junction Power MOSFET
VBM17R07 VBSEMI-VBM17R07 Datasheet
939Kb / 11P
N-Channel 700V (D-S) Super Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com