Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF13 Datasheet(PDF) 1 Page - Bytes

Part # SF13
Description  1.0 AMP SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes

SF13 Datasheet(HTML) 1 Page - Bytes

  SF13 Datasheet HTML 1Page - Bytes SF13 Datasheet HTML 2Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0 AMP SUPER FAST RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=55 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
1.0
30
5.0
50
50
-65
+150
A
A
V
µA
µA
nS
pF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.34 grams
SF11
SF18
THRU
0.95
VOLTAGE RANGE
50 to 600 Volts
CURRENT
1.0 Ampere
35
1.25
1.70
SF11
SF12
SF13
SF14
SF15
SF16
SF18 UNITS
50
100
150
200
300
400
600
V
50
100
150
200
300
400
600
V
35
70
105
140
210
280
420
V
DO-41
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.166(4.2)
.034(.9)
.028(.7)
DIA.
.107(2.7)
.080(2.0)
DIA.
Operating and Storage Temperature Range T , T
J
STG
C


Similar Part No. - SF13

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF13 MOSPEC-SF13 Datasheet
137Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
logo
Won-Top Electronics
SF13 WTE-SF13 Datasheet
46Kb / 3P
1.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF13 ZOWIE-SF13 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF13 RECTRON-SF13 Datasheet
27Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
logo
Jinan Gude Electronic D...
SF13 JGD-SF13 Datasheet
161Kb / 2P
1.0 AMP. SUPER FAST RECTIFIERS
More results

Similar Description - SF13

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SF11 FORMOSA-SF11 Datasheet
36Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
SF18 FORMOSA-SF18 Datasheet
64Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF11S TSC-SF11S Datasheet
64Kb / 2P
1.0 AMP. Super Fast Rectifiers
SF11 TSC-SF11_1 Datasheet
257Kb / 2P
1.0 AMP. Super Fast Rectifiers
SFT11 TSC-SFT11_1 Datasheet
270Kb / 2P
1.0 AMP. Super Fast Rectifiers
logo
Taiwan Memory Technolog...
SF11S_B08 TMT-SF11S_B08 Datasheet
44Kb / 2P
1.0 AMP. Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SF11S GWSEMI-SF11S Datasheet
71Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
ES1A DGNJDZ-ES1A Datasheet
40Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
SF11 DGNJDZ-SF11 Datasheet
203Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
DIYI Electronic Technol...
SF11 DYELEC-SF11 Datasheet
703Kb / 2P
1.0 AMP. Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com